Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 226 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 226 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 222Page - STMicroelectronics ST92196A Datasheet HTML 223Page - STMicroelectronics ST92196A Datasheet HTML 224Page - STMicroelectronics ST92196A Datasheet HTML 225Page - STMicroelectronics ST92196A Datasheet HTML 226Page - STMicroelectronics ST92196A Datasheet HTML 227Page - STMicroelectronics ST92196A Datasheet HTML 228Page - STMicroelectronics ST92196A Datasheet HTML 229Page - STMicroelectronics ST92196A Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 268 page
background image
226/268
ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS (Cont’d)
CLOCK TIMING
(VDD = 5V ± 10% TA = -10°C + 75°C, unless otherwise specified)
EXTERNAL INTERRUPT TIMING
(Rising or falling edge mode; VDD = 5V ± 10%; TA = -10°C + 75°C, unless otherwise specified)
Note: The value in the left hand two columns shows the formula used to calculate the minimum or maximum timing from the oscillator clock
period, prescale value and number of wait cycles inserted. The value in the rignt hand two columns shows the minimum and maximum for
an external clock at 24 MHz divided by 2, prescale value of zero and zero wait status.
EXTERNAL INTERRUPT TIMING
Symbol
Parameter
Conditions
Value
Unit
Min
Max
TpC
OSCIN Clock Period
intern. div. by 2
41.7
ns
intern. div. by 1
83.3
ns
TrC
OSCIN rise time
12
ns
TfC
OSCIN fall time
12
ns
TwCL
OSCIN low width
intern. div. by 2
17
ns
intern. div. by 1
38
ns
TwCH
OSCIN high width
intern. div. by 2
17
ns
intern. div. by 1
38
ns
N°
Symbol
Parameter
Conditions
Unit
OSCIN
Divided
by 2 Min.
OSCIN
Not Divided
by 2 Min.
Min
Max
1
TwLR
Low Level Minimum Pulse width
in Rising Edge Mode
2TpC + 12
TpC + 12
95
ns
2
TwHR
High Level Minimum Pulse width
in Rising Edge Mode
2TpC + 12
TpC + 12
95
ns
3
TwLF
Low Level Minimum Pulse width
in Falling Edge Mode
2TpC + 12
TpC + 12
95
ns
4
TwHF
High Level Minimum Pulse width
in Falling Edge Mode
2TpC + 12
TpC + 12
95
ns
INTn
1
23
4
RISING EDGE DETECTION
FALLING EDGE DETECTION
n = 0-7
VA00112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com