Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 227 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 227 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 223Page - STMicroelectronics ST92196A Datasheet HTML 224Page - STMicroelectronics ST92196A Datasheet HTML 225Page - STMicroelectronics ST92196A Datasheet HTML 226Page - STMicroelectronics ST92196A Datasheet HTML 227Page - STMicroelectronics ST92196A Datasheet HTML 228Page - STMicroelectronics ST92196A Datasheet HTML 229Page - STMicroelectronics ST92196A Datasheet HTML 230Page - STMicroelectronics ST92196A Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 268 page
background image
227/268
ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS (Cont’d)
SPI TIMING
(VDD = 5V ± 10% ; TA = -10°C + 75°C, unless otherwise specified)
SPI TIMING
SKEW CORRECTOR TIMING TABLE
(VDD = 5V ± 10%; TA = -10°C + 75°C, unless otherwise specified)
The OSD jitter is measured from leading edge to leading edge of a single character row on consecutive TV lines. The value is an envelope
of 100 fields
*Max. value at all CPU operating frequencies
N°
Symbol
Parameter
Conditions
Value
Unit
Min
Max
1
TsDI
Input Data Set-up Time
100
2
ThDI
Input Data Hold Time
1/2 TpC + 100
3
TdOV
SCK to Output Data Valid
100
4
ThDO
Output Data Hold Time
-20
5
TwSKL
SCK Low Pulse Width
300
6
TwSKH
SCK High Pulse Width
300
SCK
SDO
5
6
SDI
1
2
4
3
VA00109
Symbol
Parameter
Conditions
Value Max
Unit
Tjskw
Jitter on RGB output
28 MHz Skew corrector clock frequency
<12 *
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com