Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 244 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 244 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 240Page - STMicroelectronics ST92196A Datasheet HTML 241Page - STMicroelectronics ST92196A Datasheet HTML 242Page - STMicroelectronics ST92196A Datasheet HTML 243Page - STMicroelectronics ST92196A Datasheet HTML 244Page - STMicroelectronics ST92196A Datasheet HTML 245Page - STMicroelectronics ST92196A Datasheet HTML 246Page - STMicroelectronics ST92196A Datasheet HTML 247Page - STMicroelectronics ST92196A Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 268 page
background image
244/268
ST92E196A/B & ST92T196A/B GENERAL DESCRIPTION
1.3 REQUIRED EXTERNAL COMPONENTS
VPP
TEST0
P5.2/SOUT0
P5.1/SIN0
P.5.0/RESETI
RESET
P4.7/PWM7/EXTRG
P4.6/PWM6
P4.5/PWM5
P4.4/PWM4
P4.3
P4.2
P4.1/SDA4/TINB/PWM1
P4.0/SCL4/TOUTB/PWM0
OSCIN
VSS2
OSCOUT
P2.3/AIN3/VSO2/INT4
P2.2/AIN2/VSO1/INT3
P2.1/AIN1/INT6
P2.0/IR/INT7
HSYNC
VSYNC
FOSD
VDDA
FCPU
VSS1
VDD1
PWM2/P5.5
PWM3/P5.6
SCK/SCL1/INT2/P2.4
SDIO/SDA1/P2.5
NMI/P2.6
PIXCLK/INT5/P2.7
AIN7/P0.7
AIN6/P0.6
AIN5/P0.5
AIN4/P0.4
AIN0/P0.3
P0.2
P0.1
P0.0
CCVIDEO1
VDD2
CCVIDEO2/P3.7
DSOUT1/SYNDET0/P3.6
TINA/SDA2/P3.5
INT1/TOUTA/SCL2/P3.4
DSOUT2/SYNDET1/P3.3
INT0/P3.2
SDA3/P3.1
TSLU/SDL3/P3.0
FB
B
G
R
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
VDD (+5V)
270
10K
1MF
SW-PUSH
VDD (+5V)
GND
GND
GND
GND
56PF
56PF
1M
4MHz
Osc.
1.2K
47NF
GND
1.2K
47NF
1µF
Slicer 1 input
1µF
Slicer 2 input (if present or used)
+
Warning : The decoupling capacitors between analog and digital +5V (VDDA, VDD1, VDD2), and ground (VSS1, VSS2) are not shown.
Add a 100NF and a 4.7µF capacitor close to the corresponding pins if needed.
100pF
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com