Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 248 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 248 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 244Page - STMicroelectronics ST92196A Datasheet HTML 245Page - STMicroelectronics ST92196A Datasheet HTML 246Page - STMicroelectronics ST92196A Datasheet HTML 247Page - STMicroelectronics ST92196A Datasheet HTML 248Page - STMicroelectronics ST92196A Datasheet HTML 249Page - STMicroelectronics ST92196A Datasheet HTML 250Page - STMicroelectronics ST92196A Datasheet HTML 251Page - STMicroelectronics ST92196A Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 268 page
background image
248/268
ST92E196A/B & ST92T196A/B GENERAL DESCRIPTION
ST92E196A/B/T196 REGISTER MAP (Cont’d)
Table 52. Detailed Register Map
Group F
Page
Dec.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
N/A
I/O
Port
0:5
R224
P0DR
Port 0 Data Register
FF
69
R226
P2DR
Port 2 Data Register
FF
R227
P3DR
Port 3 Data Register
FF
R228
P4DR
Port 4 Data Register
FF
R229
P5DR
Port 5 Data Register
FF
Core
R230
CICR
Central Interrupt Control Register
87
27
R231
FLAGR
Flag Register
00
28
R232
RP0
Pointer 0 Register
00
30
R233
RP1
Pointer 1 Register
00
30
R234
PPR
Page Pointer Register
54
32
R235
MODER
Mode Register
E0
32
R236
USPHR
User Stack Pointer High Register
xx
34
R237
USPLR
User Stack Pointer Low Register
xx
34
R238
SSPHR
System Stack Pointer High Reg.
xx
34
R239
SSPLR
System Stack Pointer Low Reg.
xx
34
0
INT
R242
EITR
External Interrupt Trigger Register
00
56
R243
EIPR
External Interrupt Pending Reg.
00
56
R244
EIMR
External Interrupt Mask-bit Reg.
00
56
R245
EIPLR
External Interrupt Priority Level Reg.
FF
57
R246
EIVR
External Interrupt Vector Register
x6
57
R247
NICR
Nested Interrupt Control
00
57
WDT
R248
WDTHR
Watchdog Timer High Register
FF
81
R249
WDTLR
Watchdog Timer Low Register
FF
81
R250
WDTPR
Watchdog Timer Prescaler Reg.
FF
81
R251
WDTCR
Watchdog Timer Control Register
12
81
R252
WCR
Wait Control Register
7F
82
SPI
R253
SPIDR
SPI Data Register
xx
190
R254
SPICR
SPI Control Register
00
190
2
I/O
Port
0
R240
P0C0
Port 0 Configuration Register 0
00
69
R241
P0C1
Port 0 Configuration Register 1
00
R242
P0C2
Port 0 Configuration Register 2
00
I/O
Port
2
R248
P2C0
Port 2 Configuration Register 0
00
R249
P2C1
Port 2 Configuration Register 1
00
R250
P2C2
Port 2 Configuration Register 2
00
I/O
Port
3
R252
P3C0
Port 3 Configuration Register 0
00
R253
P3C1
Port 3 Configuration Register 1
00
R254
P3C2
Port 3 Configuration Register 2
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com