Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 251 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 251 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 247Page - STMicroelectronics ST92196A Datasheet HTML 248Page - STMicroelectronics ST92196A Datasheet HTML 249Page - STMicroelectronics ST92196A Datasheet HTML 250Page - STMicroelectronics ST92196A Datasheet HTML 251Page - STMicroelectronics ST92196A Datasheet HTML 252Page - STMicroelectronics ST92196A Datasheet HTML 253Page - STMicroelectronics ST92196A Datasheet HTML 254Page - STMicroelectronics ST92196A Datasheet HTML 255Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 268 page
background image
251/268
ST92E196A/B & ST92T196A/B GENERAL DESCRIPTION
Note: xx denotes a byte with an undefined value, however some of the bits may have defined values. Refer to register
description for details.
45
DS0
R240
DS0DR1
Data Register 1
00
164
R241
DS0DR2
Data Register 2
00
164
R242
DS0DR3
Data Register 3
00
164
R243
DS0DR4
Data Register 4
00
165
R244
DS0CR1
Control Register 1
00
165
R245
DS0CR2
Control Register 2
00
165
R246
DS0MR
Monitor Register
00
166
46
DS1
R240
DS1DR1
Data Register 1
00
164
R241
DS1DR2
Data Register 2
00
164
R242
DS1DR3
Data Register 3
00
164
R243
DS1DR4
Data Register 4
00
165
R244
DS1CR1
Control Register 1
00
165
R245
DS1CR2
Control Register 2
00
165
R246
DS1MR
Monitor Register
00
166
55
RCCU
R240
CLKCTL
Clock Control Register
00
64
R242
CLK_FLAG
Clock Flag Register
48, 28
or 08
64
59
PWM
R240
CM0
Compare Register 0
00
216
R241
CM1
Compare Register 1
00
216
R242
CM2
Compare Register 2
00
216
R243
CM3
Compare Register 3
00
216
R244
CM4
Compare Register 4
00
216
R245
CM5
Compare Register 5
00
216
R246
CM6
Compare Register 6
00
216
R247
CM7
Compare Register 7
00
216
R248
ACR
Autoclear Register
FF
217
R249
CCR
Counter Register
00
217
R250
PCTL
Prescaler and Control Register
0C
217
R251
OCPL
Output Complement Register
00
218
R252
OER
Output Enable Register
00
218
VS
R254
VSDR1
Data and Control Register 1
00
213
R255
VSDR2
Data Register 2
00
213
62
ADC
R240
ADDTR
Channel i Data Register
xx
221
R241
ADCLR
Control Logic Register
00
221
R242
ADINT
AD Interrupt Register
01
222
Group F
Page
Dec.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com