Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 252 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 252 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 248Page - STMicroelectronics ST92196A Datasheet HTML 249Page - STMicroelectronics ST92196A Datasheet HTML 250Page - STMicroelectronics ST92196A Datasheet HTML 251Page - STMicroelectronics ST92196A Datasheet HTML 252Page - STMicroelectronics ST92196A Datasheet HTML 253Page - STMicroelectronics ST92196A Datasheet HTML 254Page - STMicroelectronics ST92196A Datasheet HTML 255Page - STMicroelectronics ST92196A Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 268 page
background image
252/268
ST92E196A/B & ST92T196A/B ELECTRICAL CHARACTERISTICS
2 ELECTRICAL CHARACTERISTICS
The ST92E196A/B & ST92T196A/B devices con-
tain circuitry to protect the inputs against damage
due to high static voltage or electric field. Never-
theless, it is advised to take normal precautions
and to avoid applying to this high impedance volt-
age circuit any voltage higher than the maximum
rated voltages. It is recommended for proper oper-
ation that VIN and VOUT be constrained to the
range.
VSS ≤ (VIN or VOUT) ≤ VDD
To enhance reliability of operation, it is recom-
mended to connect unused inputs to an appropri-
ate logic voltage level such as VSS or VDD.
All the voltages in the following table, are refer-
enced to VSS.
ABSOLUTE MAXIMUM RATINGS
*Current is limited to |<200
µA| into the pin
Note: Stresses above those listed as “absolute maximum ratings“ may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Note 1. 1MHz when A/D is used
Note 2. For good slicing results, it is advised to set VDDA >= 5.3V. Remember also that VDDA < VDD + 0.3V.
Symbol
Parameter
Value
Unit
VDD1,2
Supply Voltage
VSS – 0.3 to VSS + 7.0
V
VDDA
Analog Supply Voltage
VSS – 0.3 to VDD +0.3
V
VI
Input Voltage
VSS – 0.3 to VDD +0.3
V
VI
Input Voltage
VSS – 0.7 to VDD +0.7 *
V
VO
Output Voltage
VSS – 0.3 to VDD +0.3
V
VO
Output Voltage
VSS – 0.7 to VDD +0.7 *
V
TSTG
Storage Temperature
– 55 to + 150
°C
IINJ
Pin Injection Current Digital and Analog Input
-5 to +5
mA
Maximum Accumulated Pin injection Current in the device
-50 to +50
mA
Symbol
Parameter
Value
Unit
Min.
Max.
TA
Operating Temperature
-10
75
°C
VDD
Operating Supply Voltage
4.5
5.5
V
VDDa
Analog Supply Voltage
4.5
5.5
V
fOSCE
External Oscillator Frequency
4.0
MHz
fINTCLK
Internal Clock Frequency
01
24
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com