Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 250 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 250 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 246Page - STMicroelectronics ST92196A Datasheet HTML 247Page - STMicroelectronics ST92196A Datasheet HTML 248Page - STMicroelectronics ST92196A Datasheet HTML 249Page - STMicroelectronics ST92196A Datasheet HTML 250Page - STMicroelectronics ST92196A Datasheet HTML 251Page - STMicroelectronics ST92196A Datasheet HTML 252Page - STMicroelectronics ST92196A Datasheet HTML 253Page - STMicroelectronics ST92196A Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 268 page
background image
250/268
ST92E196A/B & ST92T196A/B GENERAL DESCRIPTION
24
SCI0
R240
RDCPR
Receiver DMA Transaction Counter Pointer
xx
201
R241
RDAPR
Receiver DMA Source Address Pointer
xx
201
R242
TDCPR
Transmitter DMA Transaction Counter Pointer
xx
201
R243
TDAPR
Transmitter DMA Destination Address Pointer
xx
201
R244
S_IVR
Interrupt Vector Register
xx
202
R245
ACR
Address/Data Compare Register
xx
203
R246
IMR
Interrupt Mask Register
x0
203
R247
S_ISR
Interrupt Status Register
xx
204
R248
RXBR
Receive Buffer Register
xx
205
R248
TXBR
Transmitter Buffer Register
xx
205
R249
IDPR
Interrupt/DMA Priority Register
xx
206
R250
CHCR
Character Configuration Register
xx
207
R251
CCR
Clock Configuration Register
00
207
R252
BRGHR
Baud Rate Generator High Reg.
xx
208
R253
BRGLR
Baud Rate Generator Low Register
xx
208
R254
SICR
Input Control
03
208
R255
SOCR
Output Control
01
208
42
OSD
R246
OSDBCR2
Border Color Register 2
x0
152
R247
OSDBCR1
Border Color Register 1
x0
152
R248
OSDER
Enable Register
00
153
R249
OSDDR
Delay Register
xx
156
R250
OSDFBR
Flag Bit Register
xx
157
R251
OSDSLR
Scan Line Register
xx
158
R252
OSDMR
Mute Register
xx
158
43
IR/SYNC
ERR
R248
IRPR
Infrared Pulse Register
00
169
R249
SYNCER
Sync Error Register
00
168
R250
IRSCR
Infrared / Sync Control Register
00
168
TCC
R253
MCCR
Main Clock Control Register
00
69
R254
SKCCR
Skew Clock Control Register
00
69
44
I2C
R240
I2COAR
Own Address Register
00
175
R241
I2CFQR
Frequency Register
00
176
R242
I2CCTR
Control Register
01
177
R243
I2CDR
Data Register
00
178
R244
I2CSTR2
Status Register 2
00
178
R245
I2CSTR1
Status Register 1
00
179
Group F
Page
Dec.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com