Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 167Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 168Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 169Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 170Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 171Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 172Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 173Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 174Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 308 page
background image
ST7MC1/ST7MC2
171/308
MOTOR CONTROLLER (Cont’d)
generation. Otherwise, the C event will never oc-
cur.
Note 4: When simulated commutation mode is en-
abled, the built-in check is active, so if the value
written in the MCOMP register is less than or equal
to MTIM, the C event is generated and the data in
the MCOMP register are overwritten by the MTIM
value.
Auto-updated Step Ratio Register:
a) In switched mode: the MTIM timer is driven by
software only and any prescaler change has to be
done by software (see page 168 for more details).
b) In autoswitched mode: an auto-updated pres-
caler always configures the MTIM timer for best
accuracy. Figure 92 shows the process of updat-
ing the Step Ratio bits:
– When the MTIM timer value reaches 100h, the
prescaler is automatically incremented in order
to slow down the MTIM timer and avoid an over-
flow. To keep consistent values, the MTIM regis-
ter and all the relevant registers are shifted right
(divided by two). The RPI bit in the MISR register
is set and an interrupt is generated (if RIM is set).
The timer restarts counting from its median value
0x80h and if the TES[1:0] bits = 00, the OI bit in
the MCRC register is set.
– When a Z-event occurs, if the MTIM timer value
is below 55h, the prescaler is automatically dec-
remented in order to speed up the MTIM timer
and keep precision better than 1.2%. The MTIM
register and all the relevant registers are shifted
left (multiplied by two). The RMI bit in the MISR
register is set and an interrupt is generated if RIM
is set.
– If the prescaler contents reach the value 0, it can
no longer be automatically decremented, the
MTC continues working with the same prescaler
value, i.e. with a lower accuracy. No RMI in-
terrrupt can be generated.
– If the prescaler contents reach the value 15, it
can no longer be automatically incremented.
When the timer reaches the value FFh, the pres-
caler and all the relevant registers remain un-
changed and no interrupt is generated, the timer
restarts counting from 0x00h and if the TES[1:0]
bits = 00, the OI bit in the MCRC register is set at
each overflow (it has to be reset by software).
The RPI bit is no longer set. The PWM is still gen-
erated and the D and Z detection circuitry still
work, enabling the capture of the maximum timer
value.
The automatically updated registers are: MTIM,
MZREG, MZPRV, MCOMP and MDREG. Access
to these registers is summarized in Table 41.
10.6.7.3 Debug Option
In both Switched Mode and Autoswitched Mode,
setting the bit DG in MPWME register enables the
Debug Option. This option consists of outputting
the C, D and Z signals in real time on pins MCZEM
and MCDEM. This is very useful during the debug
phase of the application. Figure 94 shows the sig-
nals output on pins MCDEM and MCZEM with the
debug option.
Note 1: When the delay coefficient equals 0/256
(C event immediately after Z event), a glitch ap-
pears on MCZEM pin to be able to see the event
even in this case.
This option is also available in Speed measure-
ment mode with different signal outputs (see Fig-
ure 94):
– MCDEM toggles when a capture event is gener-
ated,
– MCZEM toggles every time a U event is gener-
ated.
These signals are only available if the TES[1:0]
bits = 10, 01 or 11.
Note 2: In sensor mode, the MCDEM output pin
toggles at each C event. The MCZEM pin outputs
the Z event.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com