Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 171Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 172Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 173Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 174Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 175Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 176Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 177Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 178Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 308 page
background image
ST7MC1/ST7MC2
175/308
MOTOR CONTROLLER (Cont’d)
When using hardware commutation CH, the se-
quence of events needed is CH then D and finally
Z events and the value written in the registers are
checked at different times.
If SDM bit is set, meaning simulated demagnetisa-
tion, a value must be written in the MDREG regis-
ter to generate the simulated demagnetisation.
This value must be written after the C (either Cs or
CH) event preceding the simulated demagnetisa-
tion.
If SZ bit is set, meaning simulated zero-crossing
event, a value must be written in the MZREG reg-
ister to generate the simulated zero-crossing. This
value must be written after the D event (DH or DS)
preceding the simulated zero-crossing.
When using simulated commutation (CS), the re-
sult of the 8*8 hardware multiplication of the delay
manager is not taken in account and must be over-
written if the SC bit has been set in a Z event inter-
rupt and the sequence of events is broken mean-
ing that several consecutive simulated commuta-
tions can be implemented.
As soon as the SC bit is set in the MCRC register,
the system won’t necessarily expect a D event af-
ter a C event. This can be used for an application
in sensor mode with only one Hall Effect sensor for
example.
Be careful that the D and Z events are not ignored
by the peripheral, this means that for example if a
Z event occurs, the MTIM timer is reset. In Simu-
lated Commutation mode, the sequence D -> Z is
expected, and this order must be repected.
As the sequence of events may not be the same
when using simulated commutation, as soon as
the SC bit is set, the capture/compare feature and
protection on MCOMP register is reestablished
only after a write to the MCOMP register. This
means that as soon as the SC bit is set, if no write
access is done to the MCOMP register, no com-
mutation event will be generated, whatever the
value of MCOMP compared to MTIM at the time
SC is set. This does not depend on the running
mode: switched or autoswitched mode (SWA bit).
If software commutation event is used with a nor-
mal sequence of events C-->D-->Z, it is recom-
mended to write the MCOMP register during the Z
interrupt routine to avoid any spurious comparison
as several consecutive Cs events can be generat-
ed.
Note that two different simulated events can be
used in the same step (like DS followed by ZS).
Note also that for more precision, it is recommend-
ed to use the value captured from the preceding
hardware event to compute the value used to gen-
erate simulated events.
Figure 95, Figure 96 and Figure 97 shows details
of simulated event generation.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com