Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 169Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 170Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 171Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 172Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 173Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 174Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 175Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 176Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 308 page
background image
ST7MC1/ST7MC2
173/308
MOTOR CONTROLLER (Cont’d)
Note on using the auto-updated MTIM timer:
The auto-updated MTIM timer works accurately
within its operating range but some care has to be
taken when processing timer-dependent data such
as the step duration for regulation or demagnetiza-
tion.
For example if an overflow occurs when calculat-
ing
a
simulated
end
of
demagnetization
(MCOMP+demagnetisation_time>FFh), the value
that is stored in MDREG will be:
80h+(MCOMP+demagnetization_time-FFh)/2.
Note on commutation interrupts: It is good prac-
tice to modify the configuration for the next step as
soon as possible, i.e within the commutation inter-
rupt routine.
All registers that need to be changed at each step
have a preload register that enables the modifica-
tions for a complete new configuration to be per-
formed at the same time (at C event in normal
mode or when writing the MPHST register in direct
access mode).
These configuration bits are:
CPB, HDM, SDM and OS2 in the MCRB register
and IS[1:0], OO[5:0] in the MPHST register.
Note on initializing the MTC: As shown in Table 41
all the MTIM timer registers are in read-write mode
until the MTC clock is enabled (with the CKE bit).
This allows the timer, prescaler and compare reg-
isters to be properly initialized for start-up.
In sensorless mode, the motor has to be started in
switched mode until a BEMF voltage is present on
the inputs. This means the prescaler ST[3:0] bits
and MCOMP register have to be modified by soft-
ware. When running the ST[3:0] bits can only be
incremented / decremented, so the initial value is
very important.
When starting directly in autoswitched mode (in
sensor mode for example), write an appropriate
value in the MZREG and MZPRV register to per-
form a step calculation as soon as the clock is en-
abled.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com