Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 224 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 220Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 221Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 222Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 223Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 224Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 225Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 226Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 227Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 308 page
background image
ST7MC1/ST7MC2
224/308
MOTOR CONTROLLER (Cont’d)
PARITY REGISTER (MPAR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = TES[1:0] : Tacho Edge Selection bits
The primary function of these bits is to select the
edge sensitivity of the tachogenerator capture log-
ic; clearing both TES[1:0] bits specifies that the In-
put Detection block does not operate in Speed
Sensor Mode but either in Position Sensor or Sen-
sorless Mode for a six-step motor drive).
Table 79. Tacho edges and input mode selection
Bits 5:0 = OE[5:0]: Output Parity Mode.
0: Output channel is High
1: Output channel Low
Note: These bits are not significant when PCN=1
(configuration with three independent phases).
76
54
32
10
TES1
TES0
OE5
OE4
OE3
OE2
OE1
OE0
TES 1
TES 0
Edge sensitivity
Operating Mode
0
0
Not applicable
Position Sensor or
Sensorless
0
1
Rising edge
Speed Sensor
1
0
Falling edge
Speed Sensor
11
Rising and falling
edges
Speed Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com