Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 226 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 226 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 222Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 223Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 224Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 225Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 226Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 227Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 228Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 229Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 308 page
background image
ST7MC1/ST7MC2
226/308
MOTOR CONTROLLER (Cont’d)
MOTOR
SAMPLING
CLOCK
REGISTER
(MSCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = ZSV Z Event Sampling Validation when
MOE bit is reset
This bit enables/disables Z event sampling in ei-
ther mode (sampling at PWM frequency or at fSCF
frequency selected by SCF[1:0] bits)
0: Z event sampling disabled
1: Z event sampling enabled
Bits 6:4 = Reserved, must be kept cleared.
Bits 3:2 = SCF[1:0] Sampling Clock Frequency
These bits select the sampling clock frequency
(fSCF) used to count D & Z events.
Table 82. Sampling Clock Frequency
Note: Times are indicated for 4 MHz fPERIPH
Bit 1 = ECM: Encoder Capture Mode
This bit is used to select the source of events
which trigger the capture of the [MTIM:MTIML]
counter when using Encoder speed sensor (see
Figure 90).
0: Real Time Clock interrupts
1: Read access on MTIM register
Bit 0 = DISS Data Input Selection
This setting is effective only if PCN=0, TES=00
and SR=0.
0: Unused MCIx inputs are grounded
1: Unused MCIx inputs are put in HiZ
76
54
32
10
ZSV
0
0
0
SCF1
SCF0
ECM
DISS
SCF1
SCF0
fSCF
0
0
1 MHz (every 1µs)
0
1
500 kHz (every 2µs)
1
0
250 kHz (every 4µs)
1
1
125 kHz (every 8µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com