Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 225 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 221Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 222Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 223Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 224Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 225Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 226Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 227Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 228Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 308 page
background image
ST7MC1/ST7MC2
225/308
MOTOR CONTROLLER (Cont’d)
MOTOR Z EVENT FILTER REGISTER (MZFR)
Read/Write
Reset Value: 0000 1111 (0Fh)
Bits 7:4 = ZEF[3:0]: Z Event Filter bits
These bits select the number of valid consecutive
Z events (when the Z event is detected) needed to
generate the active event. Sampling is done at the
selected fSCF frequency (see Table 82.) or at
PWM frequency.
Table 80. Z Event filter Setting
Bits 3:0 = ZWF[3:0]: Z Window Filter bits
These bits select the length of the blanking win-
dow activated at each D event. The filter blanks
the Z event detection until the end of the time win-
dow.
Table 81. Z Window filter Setting
Note: Times are indicated for 4 MHz fPERIPH
76
54
32
10
ZEF3
ZEF2
ZEF1
ZEF0
ZWF3
ZWF2
ZWF1
ZWF0
ZEF3
ZEF2
ZEF1
ZEF0
Z event Samples
00
00
1
00
01
2
00
10
3
00
11
4
01
00
5
01
01
6
01
10
7
01
11
8
10
00
9
10
01
10
10
10
11
10
11
12
11
00
13
11
01
14
11
10
15
11
11
16
ZWF3 ZWF2 ZWF1 ZWF0
D to Z window fil-
ter in Sensorless
Mode (SR=0)
SR=1
00
00
5 µs
No
Win-
dow
Filter
after
D
event
0
0
0
1
10 µs
0
0
1
0
15 µs
0
0
1
1
20 µs
0
1
0
0
25 µs
0
1
0
1
30 µs
0
1
1
0
35 µs
0
1
1
1
40 µs
1
0
0
0
60 µs
1
0
0
1
80 µs
1
0
1
0
100 µs
1
0
1
1
120 µs
1
1
0
0
140 µs
1
1
0
1
160 µs
1
1
1
0
180 µs
1
1
1
1
200 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com