Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN41 Datasheet(PDF) 4 Page - Microchip Technology

Part # RN41
Description  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41 Datasheet(HTML) 4 Page - Microchip Technology

  RN41 Datasheet HTML 1Page - Microchip Technology RN41 Datasheet HTML 2Page - Microchip Technology RN41 Datasheet HTML 3Page - Microchip Technology RN41 Datasheet HTML 4Page - Microchip Technology RN41 Datasheet HTML 5Page - Microchip Technology RN41 Datasheet HTML 6Page - Microchip Technology RN41 Datasheet HTML 7Page - Microchip Technology RN41 Datasheet HTML 8Page - Microchip Technology RN41 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
RN41/RN41N
DS50002280A-page 4
 2014 Microchip Technology Inc.
1.0
DEVICE OVERVIEW
The RN41/RN41N module is a small form factor, low-
power, class 1 Bluetooth radio that is ideal for
designers who want to add wireless capability to their
products without spending significant time and money
developing Bluetooth-specific hardware and software.
The
RN41/RN41N
supports
multiple
interface
protocols, is simple to design in, and is fully certified,
making it a complete embedded Bluetooth solution.
With its high-performance, chip antenna (RN41) or
external antenna (RN41N), and support for Bluetooth
EDR, the RN41/RN41N delivers up to a 3-Mbps data
rate for distances up to 100 meters.
1.1
MCU Interface
The RN41/RN41N module is managed through ASCII
commands via the UART and/or PIO signals. A MCU
(micro-controller-unit) or host processor sends com-
mands to module to configure features, read status,
and manage Bluetooth data connections.
As shown in Figure 1-1, the UART TX and RX are
required to communicate with module and transfer data
across Bluetooth SPP connection.
Connecting the hardware flow control lines CTS and
RTS is highly recommended for applications that
transmits a continuous stream of data.
The module can be configured locally via the UART or
over-the-air. To support instant cable replacement,
auto-discovery/pairing does not require software con-
figuration. Additionally, the module supports auto-con-
nect master, I/O pin (DTR), and character-based trigger
modes.
FIGURE 1-1:
RN41/RN41N TO MCU
INTERFACE
Table 1-1, Table 1-2, Table 1-3, Table 1-4, and Table 1-
5 provide the module’s environmental conditions, elec-
trical characteristics, dimensions, radio characteristics,
and digital I/O characteristics.
1.2
ASCII Command and Data
Interface
The “Bluetooth Data Module Command Reference and
Advanced Information User’s Guide” provides a com-
plete description of the ASCII command and data inter-
face for the RN41/RN41N module.
TABLE 1-1:
ENVIRONMENTAL CONDITIONS
Parameter
Value
Temperature Range (Operating)
-40o C ~ 85o C
Temperature Range (Storage)
-40o C ~ 85o C
Relative Humidity (Operating)
90%
Relative Humidity (Storage)
90%
Moisture Sensitivity Level
1
TABLE 1-2:
ELECTRICAL CHARACTERISTICS
Parameter
Min.
Typ.
Max.
Units
Supply Voltage (DC)
3.0
3.3
3.6
V
RX Supply Current
—
35
60
mA
TX Supply Current
—
65
100
mA
Average Power Consumption
Standby/Idle (Default Settings)
—
25
—
mA
Connected (Normal Mode)
—
30
—
mA
Connected (Low-Power Sniff)
—
8
—
mA
Standby/Idle (Deep Sleep Enabled)
250
2.5
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com