Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN41 Datasheet(PDF) 13 Page - Microchip Technology

Part # RN41
Description  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RN41 Datasheet HTML 9Page - Microchip Technology RN41 Datasheet HTML 10Page - Microchip Technology RN41 Datasheet HTML 11Page - Microchip Technology RN41 Datasheet HTML 12Page - Microchip Technology RN41 Datasheet HTML 13Page - Microchip Technology RN41 Datasheet HTML 14Page - Microchip Technology RN41 Datasheet HTML 15Page - Microchip Technology RN41 Datasheet HTML 16Page - Microchip Technology RN41 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2014 Microchip Technology Inc.
DS50002280A-page 13
RN41/RN41N
3.0
REGULATORY APPROVAL
This section outlines the regulatory information for the
RN41/RN41N module for the following countries:
• United States
• Canada
• Europe
• Australia
• New Zealand
3.1
United States
The RN41/RN41N module has received Federal Com-
munications Commission (FCC) CFR47 Telecommuni-
cations, Part 15 Subpart C “Intentional Radiators”
modular approval in accordance with Part 15.212 Mod-
ular Transmitter approval. Modular approval allows the
end user to integrate the RN41/RN41N module into a
finished product without obtaining subsequent and sep-
arate FCC approvals for intentional radiation, provided
no changes or modifications are made to the module
circuitry. Changes or modifications could void the
user’s authority to operate the equipment. The end
user must comply with all of the instructions provided
by the Grantee, which indicate installation and/or oper-
ating conditions necessary for compliance.
The finished product is required to comply with all appli-
cable FCC equipment authorizations regulations,
requirements and equipment functions not associated
with the transmitter module portion. For example, com-
pliance must be demonstrated to regulations for other
transmitter components within the host product; to
requirements for unintentional radiators (Part 15 Sub-
part B “Unintentional Radiators”), such as digital
devices, computer peripherals, radio receivers, etc.;
and to additional authorization requirements for the
non-transmitter functions on the transmitter module
(i.e., Verification, or Declaration of Conformity) (e.g.,
transmitter modules may also contain digital logic func-
tions) as appropriate.
3.1.1
LABELING AND USER
INFORMATION REQUIREMENTS
The RN41/RN41N module has been labeled with its
own FCC ID number, and if the FCC ID is not visible
when the module is installed inside another device,
then the outside of the finished product into which the
module is installed must also display a label referring to
the enclosed module. This exterior label can use word-
ing as follows:
RN41:
Contains Transmitter Module FCC ID: T9JRN41-3
or
Contains FCC ID: T9JRN41-3
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation
RN41N:
Contains Transmitter Module FCC ID: OA3-RN41N
or
Contains FCC ID: OA3-RN41N
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com