Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN41 Datasheet(PDF) 15 Page - Microchip Technology

Part # RN41
Description  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41 Datasheet(HTML) 15 Page - Microchip Technology

Back Button RN41 Datasheet HTML 11Page - Microchip Technology RN41 Datasheet HTML 12Page - Microchip Technology RN41 Datasheet HTML 13Page - Microchip Technology RN41 Datasheet HTML 14Page - Microchip Technology RN41 Datasheet HTML 15Page - Microchip Technology RN41 Datasheet HTML 16Page - Microchip Technology RN41 Datasheet HTML 17Page - Microchip Technology RN41 Datasheet HTML 18Page - Microchip Technology RN41 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2014 Microchip Technology Inc.
DS50002280A-page 15
RN41/RN41N
The Industry Canada certification label of a module
shall be clearly visible at all times when installed in the
host device, otherwise the host device must be labeled
to display the Industry Canada certification number of
the module, preceded by the words “Contains transmit-
ter module”, or the word “Contains”, or similar wording
expressing the same meaning, as follows:
User Manual Notice for License-Exempt Radio Appara-
tus (from Section 7.1.3 RSS-Gen, Issue 3, December
2010): User manuals for license-exempt radio appara-
tus shall contain the following or equivalent notice in a
conspicuous location in the user manual or alterna-
tively on the device or both:
Transmitter Antenna (from Section 7.1.2 RSS-Gen,
Issue 3, December 2010): User manuals for transmit-
ters shall display the following notice in a conspicuous
location:
The above notice may be affixed to the device instead
of displayed in the user manual.
3.2.2
RF EXPOSURE
All transmitters regulated by IC must comply with RF
exposure requirements listed in RSS-102 - Radio Fre-
quency (RF) Exposure Compliance of Radiocommuni-
cation Apparatus (All Frequency Bands).
3.2.3
APPROVED EXTERNAL ANTENNA
TYPES
Transmitter Antenna (from Section 7.1.2 RSS-Gen,
Issue 3, December 2010):
The RN41N module can only be sold or operated with
antennas with which it was approved. Transmitter may
be approved with multiple antenna types. An antenna
type comprises antennas having similar in-band and
out-of-band radiation patterns. Testing shall be per-
formed using the highest gain antenna of each combi-
nation of transmitter and antenna type for which
approval is being sought, with the transmitter output
power set at the maximum level. Any antenna of the
same type having equal or lesser gain as an antenna
that had been successfully tested with the transmitter,
will also be considered approved with the transmitter,
and may be used and marketed with the transmitter.
When a measurement at the antenna connector is
used to determine RF output power, the effective gain
of the device's antenna shall be stated, based on mea-
surement or on data from the antenna manufacturer.
For transmitters of output power greater than 10 milli-
watts, the total antenna gain shall be added to the mea-
sured RF output power to demonstrate compliance to
the specified radiated power limits.
Approved external antenna types for the RN41N mod-
ule are listed in Table 2-3.
3.2.4
HELPFUL WEB SITES
Industry Canada: http://www.ic.gc.ca/
3.3
Europe
The RN41/RN41N module is an R&TTE Directive
assessed radio module that is CE marked and has
been manufactured and tested with the intention of
being integrated into a final product.
The RN41/RN41N module has been tested to R&TTE
Directive 1999/5/EC Essential Requirements for Health
and Safety (Article (3.1(a)), Electromagnetic Compati-
bility (EMC) (Article 3.1(b)), and Radio (Article 3.2) and
are summarized in Table 3-1: European Compliance
Testing. A Notified Body Opinion has also been issued.
All test reports are available on the RN41/RN41N prod-
uct web page at http://www.microchip.com.
RN-41:
Contains transmitter module IC: 6514A-RN413
RN-41N:
Contains transmitter module IC: 7693A-RN41N
This device complies with Industry Canada license-
exempt RSS standard(s). Operation is subject to the
following two conditions: (1) this device may not
cause interference, and (2) this device must accept
any interference, including interference that may
cause undesired operation of the device.
Le présent appareil est conforme aux CNR d'Indus-
trie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux con-
ditions suivantes: (1) l'appareil ne doit pas produire
de brouillage, et (2) l'utilisateur de l'appareil doit
accepter tout brouillage radioélectrique subi, même
si le brouillage est susceptible d'en compromettre le
fonctionnement.
Under Industry Canada regulations, this radio trans-
mitter may only operate using an antenna of a type
and maximum (or lesser) gain approved for the trans-
mitter by Industry Canada. To reduce potential radio
interference to other users, the antenna type and its
gain should be so chosen that the equivalent isotrop-
ically radiated power (e.i.r.p.) is not more than that
necessary for successful communication.
Conformément à la réglementation d'Industrie Can-
ada, le présent émetteur radio peut fonctionner avec
une antenne d'un type et d'un gain maximal (ou
inférieur) approuvé pour l'émetteur par Industrie Can-
ada. Dans le but de réduire les risques de brouillage
radioélectrique à l'intention des autres utilisateurs, il
faut choisir le type d'antenne et son gain de sorte
que la puissance isotrope rayonnée équivalente
(p.i.r.e.) ne dépasse pas l'intensité nécessaire à
l'établissement d'une communication satisfaisante.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com