Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN41 Datasheet(PDF) 14 Page - Microchip Technology

Part # RN41
Description  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41 Datasheet(HTML) 14 Page - Microchip Technology

Back Button RN41 Datasheet HTML 10Page - Microchip Technology RN41 Datasheet HTML 11Page - Microchip Technology RN41 Datasheet HTML 12Page - Microchip Technology RN41 Datasheet HTML 13Page - Microchip Technology RN41 Datasheet HTML 14Page - Microchip Technology RN41 Datasheet HTML 15Page - Microchip Technology RN41 Datasheet HTML 16Page - Microchip Technology RN41 Datasheet HTML 17Page - Microchip Technology RN41 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
RN41/RN41N
DS50002280A-page 14
 2014 Microchip Technology Inc.
A user’s manual for the product should include the fol-
lowing statement:
Additional information on labeling and user information
requirements for Part 15 devices can be found in KDB
Publication 784748 available at the FCC Office of Engi-
neering and Technology (OET) Laboratory Division
Knowledge Database (KDB) https://apps.fcc.gov/oetcf/
kdb/index.cfm.
3.1.2
RF EXPOSURE
All transmitters regulated by FCC must comply with RF
exposure requirements. KDB 447498 General RF
Exposure Guidance provides guidance in determining
whether proposed or existing transmitting facilities,
operations or devices comply with limits for human
exposure to Radio Frequency (RF) fields adopted by
the Federal Communications Commission (FCC).
From the RN41 FCC Grant: Modular Approval. Power
Output listed is conducted. The antenna(s) used for this
device must be installed to provide a separation dis-
tance of at least 20 cm from all persons, and must not
be co-located or operating in conjunction with any other
antenna or transmitter. This grant is valid only when the
device is sold to OEM integrators and the OEM integra-
tors are instructed to ensure that the end user has no
manual instructions to remove or install the device. End
users and installers must be provided with antenna
installation instructions and transmitter operating con-
ditions for satisfying RF Exposure compliance.
From the RN41N FCC Grant: Modular Approval. Power
Output listed is conducted. The antenna(s) used for this
device must be installed to provide a separation dis-
tance of at least 20 cm from all persons, and must not
be co-located or operating in conjunction with any other
antenna or transmitter. This grant is valid only when the
device is sold to OEM integrators and the OEM integra-
tors are instructed to ensure that the end user has no
manual instructions to remove or install the device. End
users and installers must be provided with antenna
installation instructions and transmitter operating con-
ditions for satisfying RF Exposure compliance.
If the RN41/RN41N module is used in a portable appli-
cation (i.e., the antenna is less than 20 cm from per-
sons during operation), the integrator is responsible for
performing Specific Absorption Rate (SAR) testing in
accordance with the guidance in KDB 447498.
3.1.3
APPROVED EXTERNAL ANTENNA
TYPES
To maintain modular approval in the United States, only
the antenna types that have been tested shall be used.
It is permissible to use different antenna manufacturer
provided the same antenna type and antenna gain
(equal to or less than) is used.
Testing of the RN41N module was performed with the
antenna types listed in Table 2-3.
3.1.4
HELPFUL WEB SITES
Federal Communications Commission (FCC): http://
www.fcc.gov
FCC Office of Engineering and Technology (OET) Lab-
oratory Division Knowledge Database (KDB): https://
apps.fcc.gov/oetcf/kdb/index.cfm.
3.2
Canada
The RN41/RN41N module has been certified for use in
Canada under Industry Canada (IC) Radio Standards
Specification (RSS) RSS-210 and RSSGen. Modular
approval permits the installation of a module in a host
device without the need to recertify the device.
3.2.1
LABELING AND USER
INFORMATION REQUIREMENTS
Labeling Requirements for the Host Device (from Sec-
tion 3.2.1, RSS-Gen, Issue 3, December 2010): The
host device shall be properly labeled to identify the
module within the host device.
This equipment has been tested and found to comply
with the limits for a Class B digital device, pursuant to
part 15 of the FCC Rules. These limits are designed
to provide reasonable protection against harmful
interference in a residential installation. This equip-
ment generates, uses and can radiate radio fre-
quency energy, and if not installed and used in
accordance with the instructions, may cause harmful
interference to radio communications. However,
there is no guarantee that interference will not occur
in a particular installation. If this equipment does
cause harmful interference to radio or television
reception, which can be determined by turning the
equipment off and on, the user is encouraged to try to
correct the interference by one or more of the follow-
ing measures:
• Reorient or relocate the receiving antenna.
• Increase the separation between the equipment
and receiver.
• Connect the equipment into an outlet on a circuit
different from that to which the receiver is con-
nected.
• Consult the dealer or an experienced radio/TV
technician for help.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com