Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN41 Datasheet(PDF) 17 Page - Microchip Technology

Part # RN41
Description  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41 Datasheet(HTML) 17 Page - Microchip Technology

Back Button RN41 Datasheet HTML 13Page - Microchip Technology RN41 Datasheet HTML 14Page - Microchip Technology RN41 Datasheet HTML 15Page - Microchip Technology RN41 Datasheet HTML 16Page - Microchip Technology RN41 Datasheet HTML 17Page - Microchip Technology RN41 Datasheet HTML 18Page - Microchip Technology RN41 Datasheet HTML 19Page - Microchip Technology RN41 Datasheet HTML 20Page - Microchip Technology RN41 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
 2014 Microchip Technology Inc.
DS50002280A-page 17
RN41/RN41N
TABLE 3-1:
RN41 EUROPEAN COMPLIANCE TESTING
TABLE 3-2:
RN41N EUROPEAN COMPLIANCE TESTING
3.4
Australia
The Australia radio regulations do not provide a modu-
lar approval policy similar to the United States (FCC)
and Canada (IC). However, RN41/RN41N module RF
transmitter test reports can be used in part to demon-
strate compliance in accordance with ACMA Radio
communications “Short Range Devices” Standard
2004 (The Short Range Devices standard calls up the
AS/NZS 4268:2008 industry standard). The RN41/
RN41N module test reports can be used as part of the
product certification and compliance folder. For more
information on the RF transmitter test reports, contact
Microchip Technology Australia sales office.
To meet overall Australian final product compliance, the
developer must construct a compliance folder contain-
ing all relevant compliance test reports e.g. RF, EMC,
electrical safety and DoC (Declaration of Conformity)
etc. It is the responsibility of the integrator to know what
is required in the compliance folder for ACMA compli-
ance. All test reports are available on the RN41/RN41N
product web page at http://www.microchip.com. For
more information on Australia compliance, refer to the
Australian Communications and Media Authority web
site http://www.acma.gov.au/.
3.4.1
EXTERNAL ANTENNA
REQUIREMENTS
The compliance testing listed in Table 3-2 was per-
formed using the antenna types listed in Table 2-3.
3.4.2
HELPFUL WEB SITES
The Australian Communications and Media Authority:
www.acma.gov.au/.
Certification
Standards
Article Laboratory
Report
Number
Date
Safety
EN 60950-1:2006+A11:2009+A1:2010+A12:2011 [3.1(a)] Worldwide
Testing
Services
(Taiwan)
Co., Ltd.
W6R21301-
13005-L
2013-05-23
Health
EN 62479:2010
W6R21301-
13005-62479
2013-10-03
EMC
EN 301 489-1 V1.9.2 (2011-09)
[3.1(b)]
W6R21301-
13005-E-16
2013-09-09
EN 301 489-17 V2.2.1 (2012-09)
Radio
EN 300 328 V1.8.1 (2012-06)
(3.2)
W6R21301-
13005-T-45
2013-10-03
Notified Body
Opinion
—
Eurofins
Product
Service
GmbH
U9M-1305-
2867-C-V01
2013-10-16
Certification
Standards
Article Laboratory
Report
Number
Date
Safety
EN 60950-1:2006+A11:2009+A1:2010+A12:2011 (3.1a)
Integrity
EnE lab
Inc.
IL121010950 2012-10-22
Health
EN 62311:2008
Worldwide
Testing Ser-
vices (Tai-
wan) Co.,
Ltd.
W6M21209-
12744-62311
2012-11-12
EMC
EN 301 489-1 V1.9.2 (2011-09)
(3.1b)
W6M21209-
12744-E-16
2012-11-12
EN 301 489-17 V2.2.1 (2012-09)
Radio
EN 300 328 V1.7.1 (2006-10)
(3.2)
W6M21209-
12744-T-45
2012-11-12
Notified Body
Opinion
—
Eurofins
Product
Service
GmbH
U9M-1211-
2432-C
2012-11-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com