Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN41 Datasheet(PDF) 5 Page - Microchip Technology

Part # RN41
Description  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41 Datasheet(HTML) 5 Page - Microchip Technology

  RN41 Datasheet HTML 1Page - Microchip Technology RN41 Datasheet HTML 2Page - Microchip Technology RN41 Datasheet HTML 3Page - Microchip Technology RN41 Datasheet HTML 4Page - Microchip Technology RN41 Datasheet HTML 5Page - Microchip Technology RN41 Datasheet HTML 6Page - Microchip Technology RN41 Datasheet HTML 7Page - Microchip Technology RN41 Datasheet HTML 8Page - Microchip Technology RN41 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2014 Microchip Technology Inc.
DS50002280A-page 5
RN41/RN41N
TABLE 1-3:
MODULE DIMENSIONS
Parameter
RN41
RN41N
Units
Size
13.4 x 25.8 x 2
13.4 x 20 x 2
mm
Weight
0.045
0.040
oz.
TABLE 1-4:
RADIO CHARACTERISTICS
Parameter
Frequency
(GHz)
Min.
Typ.
Max.
Bluetooth
Specification
Units
Sensitivity at 0.1% BER
2.402
-80
-86
≤ -70
dBm
2.441
-80
-86
dBm
2.480
-80
-86
dBm
RF Transmit Power(1)
RN41
2.402
16.3
dBm
2.441
17.0
dBm
2.480
18.4
dBm
RF Transmit Power(1)
RN41N
2.402
11.9
dBm
2.441
10.9
dBm
2.480
9.9
dBm
Initial Carrier Frequency Tolerance
2.402
5
75
75
kHz
2.441
5
75
kHz
2.480
5
75
kHz
20-dB Bandwidth for Modulated Carrier
900
1000
≤ 1000
kHz
Drift (Five Slots Packet)
15
40
kHz
Drift Rate
13
20
kHz
∆f1avg Maximum Modulation
2.402
140
165
175
> 140
kHz
2.441
140
165
175
kHz
2.480
140
165
175
kHz
∆f2avg Minimum Modulation
2.402
140
190
115
kHz
2.441
140
190
kHz
2.480
140
190
kHz
TABLE 1-5:
DIGITAL I/O CHARACTERISTICS
3.0 V ≤ VDD ≤ 3.3 V
Min.
Typ.
Max.
Units
Input Logic Level Low
-0.4
+0.8
V
Input Logic Level High
0.7 VDD
VDD + 0.4
V
Output Logic Level Low
0.2
V
Output Logic Level High
VDD - 0.2
V
All I/O pins (Except reset) Default to Weak Pull Down
+0.2
+1.0
+5.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com