Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3232D Datasheet(PDF) 38 Page - Micronas

Part # VPC3232D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3232D Datasheet(HTML) 38 Page - Micronas

Back Button VPC3232D Datasheet HTML 34Page - Micronas VPC3232D Datasheet HTML 35Page - Micronas VPC3232D Datasheet HTML 36Page - Micronas VPC3232D Datasheet HTML 37Page - Micronas VPC3232D Datasheet HTML 38Page - Micronas VPC3232D Datasheet HTML 39Page - Micronas VPC3232D Datasheet HTML 40Page - Micronas VPC3232D Datasheet HTML 41Page - Micronas VPC3232D Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
38
Micronas
h’8b
8
w/r
NUMBER OF PIXEL PER LINE:
Only used in the expert modes:
bit[7:0]
For VPCpip and VPCsingle:
quarter of the number of pixels per line
in the active video segment to be used
as a inset picture
For VPCmain:
quarter of the number of pixels per line
of the inset picture(s)
This register is updated when the PIPOPER register is written.
0NPIX
h’8c
16
w/r
NUMBER OF PIXEL PER LINE IN THE FIELD BUFFER(S):
bit[7:0]
quarter of the number of allocated pixels
per line in the field buffer(s)
bit[8]
0/1
use the internal default/external setting
via bit[7:0]
(must be set in the expert mode, optional
in the predefined modes)
bit[15:9]
reserved (set to 0)
This register is updated when the PIPOPER register is written.
0NPFB
h’8d-
h’8f
reserved, don’t write
CIP Control
h’90
16
w/r
SATURATION OF THE RGB/YCrCb COMPONENT INPUT:
bit[5:0]
saturation Cb( 0..63 )
bit[11:6]
saturation Cr( 0..63 )
bit[15:12]
reserved (set to 0)
18
23
CIPSAT
SATCb
SATCr
h’91
8
w/r
TINT CONTROL OF THE RGB/YUV COMPONENT INPUT:
bit[5:0]
tint (
−20..+20 in degrees )
bit[7:6]
reserved (set to 0)
0CIPTNT
h’92
16
w/r
BRIGHTNESS OF THE RGB/YUV COMPONENT INPUT:
bit[7:0]
brightness (
−128..+127 )
CONTRAST OF THE RGB/YUV COMPONENT INPUT:
bit[13:8]
contrast ( 0..63 )
bit[15:14]
reserved (set to 0)
68
28
CIPBRCT
CIPBR
CIPCT
h’94
8
w/r
SOFTMIXER CONTROL:
bit[0]
0/1
rgb/main video delay (0:normal 1:dynamic)
bit[1]
0/1
linear (0)/nonlinear(1) mixer select
bit[7:4]
fastblank gain (
−7 .. +7)
bit[3:2]
reserved (set to 0)
0
0
−1
CIPMIX1
RGBDLY
SELLIN
FBGAIN
h’95
8
w/r
SOFTMIXER CONTROL:
bit[5:0]
fastblank offset correction (0..63 )
( fb
−> fb−FBOFFS )
bit[7:6]
fastblank mode:
x0
force rgb to cip out (equ. fb=0)
01
normal mode (fb active)
11
force main yuv to cip out (equ. fb=64)
32
11
CIPMIX2
FBOFFS
FBMODE
I2C Sub-
address
Number
of bits
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com