Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3232D Datasheet(PDF) 73 Page - Micronas

Part # VPC3232D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3232D Datasheet(HTML) 73 Page - Micronas

Back Button VPC3232D Datasheet HTML 69Page - Micronas VPC3232D Datasheet HTML 70Page - Micronas VPC3232D Datasheet HTML 71Page - Micronas VPC3232D Datasheet HTML 72Page - Micronas VPC3232D Datasheet HTML 73Page - Micronas VPC3232D Datasheet HTML 74Page - Micronas VPC3232D Datasheet HTML 75Page - Micronas VPC3232D Datasheet HTML 76Page - Micronas VPC3232D Datasheet HTML 77Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
73
5.2. Application Note: PIP Mode Programming
5.2.1. Procedure to Program a PIP Mode
For the VPCpip or VPCsingle:
1. set the scaler according to the PIP size to be used
(see Table 2–11).
2. write the registers VPCMODE and PIPMODE
according to the mode to be set.
3. in expert mode write the registers NLIN, NPIX and
NPFB.
4. write the registers COLBGD, COLFR1, COLFR2,
HSTR and VSTR, if a different value as the default
one is used.
5. write the registers LINOFFS and PIXOFFS, if a dif-
ferent value as the default one or more than 4 inset
pictures in the X or Y direction are used.
6. write the register PIPOPER to fill the frame and
background of an inset picture. This step is repeated
for all inset pictures in a multi PIP application.
For the VPCmain:
7. set the scaler to get a full size video
(see Table 2–11).
8. write the registers VPCMODE and PIPMODE
according to the mode to be set.
9. in expert mode write the registers NLIN, NPIX and
NPFB.
10. write the registers COLBGD, HSTR and VSTR, if a
different value as the default one is used.
11. write the register PIPOPER to start displaying PIP.
For the VPCpip or VPCsingle:
12. write the register PIPOPER to start filling a inset
picture with live video.
13. Only for tuner scanning: write the register
PIPOPER to stop filling a inset picture with live
video and changing the channel.
14. repeat steps 12 and 13 for all inset pictures in a
multi PIP application.
15. Only for VPCsingle: write the register PIPOPER to
start filling the main picture part outside the inset
picture(s) with live video.
For the VPCmain:
16. write the registers HSTR and VSTR, if the PIP
position should be changed.
17. write the register PIPOPER, to quit the PIP mode.
In an application with a single VPC, step 7 - 11 and
16 - 17 are dropped. Additionally, the free running
mode should be set in the cases shown in Table 2–12.
5.2.2. I2C Registers Programming for PIP Control
To program a PIP mode, the register VPCMODE, PIP-
MODE and PIPOPER should be written always, all
other registers are used only in the expert mode or if
the default values are modified (see Table 5–1).
Table 5–1: I2C register programing for PIP control
I2C register
update
VPCMODE, PIPMODE,
PIPOPER
should be written always
COLBGD, COLFR1,
COLFR2, HSTR, VSTR
should be written only, if the default values have to be modified
LINOFFS, PIXOFFS
VPCpip
VPCmain
VPCsingle
only used in expert
mode, when more than 4
inset pictures in the X or
Y direction are used.
not used.
only used if a different
value as the default one
or more than 4 inset pic-
tures in the X or Y direc-
tion are used
NLIN, NPIX, NPFB
should be written, only in the expert mode. (In the predefined modes the default
values are used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com