Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3232D Datasheet(PDF) 46 Page - Micronas

Part # VPC3232D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3232D Datasheet(HTML) 46 Page - Micronas

Back Button VPC3232D Datasheet HTML 42Page - Micronas VPC3232D Datasheet HTML 43Page - Micronas VPC3232D Datasheet HTML 44Page - Micronas VPC3232D Datasheet HTML 45Page - Micronas VPC3232D Datasheet HTML 46Page - Micronas VPC3232D Datasheet HTML 47Page - Micronas VPC3232D Datasheet HTML 48Page - Micronas VPC3232D Datasheet HTML 49Page - Micronas VPC3232D Datasheet HTML 50Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
46
Micronas
h’61
pll frequency limiter, 8%
12.27 MHz 30
13.5 MHz
54
14.75 MHz 62
16 MHz
48
18 MHz
54
54
LLC_DFLIMIT
h’6d
llc clock generator control word
bit[5:0]
hardware register shadow
llc_clkc = 5
→12.27 MHz
llc_clkc = 5
→13.5 MHz
llc_clkc = 35
→14.75 MHz
llc_clkc = 3
→16 MHz
llc_clkc = 3
→18 MHz
bit[10:6] reserved
bit[11]
0/1 enable/disable llc pll
2053
LLC_CLKC
FP Sub-
address
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com