Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3232D Datasheet(PDF) 8 Page - Micronas

Part # VPC3232D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3232D Datasheet(HTML) 8 Page - Micronas

Back Button VPC3232D Datasheet HTML 4Page - Micronas VPC3232D Datasheet HTML 5Page - Micronas VPC3232D Datasheet HTML 6Page - Micronas VPC3232D Datasheet HTML 7Page - Micronas VPC3232D Datasheet HTML 8Page - Micronas VPC3232D Datasheet HTML 9Page - Micronas VPC3232D Datasheet HTML 10Page - Micronas VPC3232D Datasheet HTML 11Page - Micronas VPC3232D Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
8
Micronas
2. Functional Description
2.1. Analog Video Front-End
This block provides the analog interfaces to all video
inputs and mainly carries out analog-to-digital conver-
sion for the following digital video processing. A block
diagram is given in Fig. 2–1.
Most of the functional blocks in the front-end are digi-
tally controlled (clamping, AGC, and clock-DCO). The
control loops are closed by the Fast Processor (‘FP’)
embedded in the decoder.
2.1.1. Input Selector
Up to five analog inputs can be connected. Four inputs
are for composite video or S-VHS luma signal. These
inputs are clamped to the sync back porch and are ampli-
fied by a variable gain amplifier. One input is for connec-
tion of S-VHS carrier-chrominance signal. This input is
internally biased and has a fixed gain amplifier. A second
S-VHS chroma signal can be connected video-input
VIN1.
2.1.2. Clamping
The composite video input signals are AC coupled to
the IC. The clamping voltage is stored on the coupling
capacitors and is generated by digitally controlled cur-
rent sources. The clamping level is the back porch of
the video signal. S-VHS chroma is also AC coupled.
The input pin is internally biased to the center of the
ADC input range.
2.1.3. Automatic Gain Control
A digitally working automatic gain control adjusts the
magnitude of the selected baseband by +6/–4.5 dB in
64 logarithmic steps to the optimal range of the ADC.
The gain of the video input stage including the ADC is
213 steps/V with the AGC set to 0 dB.
2.1.4. Analog-to-Digital Converters
Two ADCs are provided to digitize the input signals.
Each converter runs with 20.25 MHz and has 8 bit res-
olution. An integrated bandgap circuit generates the
required reference voltages for the converters. The two
ADCs are of a 2-stage subranging type.
2.1.5. Digitally Controlled Clock Oscillator
The clock generation is also a part of the analog front
end. The crystal oscillator is controlled digitally by the
control processor; the clock frequency can be adjusted
within
±150 ppm.
2.1.6. Analog Video Output
The input signal of the Luma ADC is available at the
analog video output pin. The signal at this pin must be
buffered by a source follower. The output voltage is
2 V, thus the signal can be used to drive a 75
Ω line.
The magnitude is adjusted with an AGC in 8 steps
together with the main AGC.
Fig. 2–1: Analog front-end
VIN3
VIN2
VIN1
CIN
VIN4
bias
ADC
ADC
gain
clamp
frequency
reference
generation
DVCO
±150
ppm
AGC
+6/–4.5 dB
digital CVBS or Luma
digital Chroma
system clocks
20.25 MHz
Analog Video
Output
CVBS/Y
CVBS/Y
CVBS/Y
CVBS/Y/C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com