Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3232D Datasheet(PDF) 20 Page - Micronas

Part # VPC3232D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3232D Datasheet(HTML) 20 Page - Micronas

Back Button VPC3232D Datasheet HTML 16Page - Micronas VPC3232D Datasheet HTML 17Page - Micronas VPC3232D Datasheet HTML 18Page - Micronas VPC3232D Datasheet HTML 19Page - Micronas VPC3232D Datasheet HTML 20Page - Micronas VPC3232D Datasheet HTML 21Page - Micronas VPC3232D Datasheet HTML 22Page - Micronas VPC3232D Datasheet HTML 23Page - Micronas VPC3232D Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
20
Micronas
The multiplex of luminance and chrominance informa-
tion and the embedding of 656-headers can be
enabled independently. An overview of the resulting
output formats and the corresponding signals is given
in Table 2–7.
2.9.7. Output Code Levels
Output Code Levels correspond to ITU-R code levels:
Y = 16...240
Black Level = 16
CrCb = 128±112
An overview over the output code levels is given in
Table 2–8.
2.9.8. Output Ports
All data and sync pins operate at TTL compliant levels
and can be tristated via I2C registers.
Additionally, the data outputs can be tristated via the
YCOE output enable pin immediately. This function
allows the digital insertion of a 2nd digital video source
(e. g. MPEG aso.).
To minimize crosstalk data and clock pins automati-
cally adopt the output driver strength depending on
their specific external load (max. 50pF). Sync and Fifo
control pins have to be adjusted manually via an I2C
register.
2.9.9. Test Pattern Generator
The YCrCb outputs can be switched to a test mode
where YCrCb data are generated digitally in the
VPC32xx. Test patterns include luma/chroma ramps,
flat field and a pseudo color bar.
2.10. PAL+ Support
For PAL+, the VPC 323xD provides basic helper pre-
processing:
– A/D conversion (shared with the existing ADCs)
– mixing with subcarrier frequency
– lowpass filter 2.5 MHz
– gain control by chroma ACC
– delay compensation to composite video path
– output at the luma output port
Helper signals are processed like the main video luma
signals, i.e. they are subject to scaling, sample rate
conversion and orthogonalization if activated. The
adaptive comb filter processing is switched off for the
helper lines.
It is expected that further helper processing (e.g. non-
linear expansion, matched filter) is performed outside
the VPC.
2.10.1. Output Signals for PAL+/Color+ Support
For a PAL+/Color+ signal, the 625 line PAL image con-
tains a 16/9 core picture of 431 lines which is in stan-
dard PAL format. The upper and lower 72 lines contain
the PAL+ helper signal, and line 23 contains signalling
information for the PAL+ transmission.
For PAL+ mode, the Y signal of the core picture, which
is during lines 60–274 and 372–586, is replaced by the
orthogonal composite video input signal. In order to fit
the signal to the 8-bit port width, the ADC signal ampli-
tudes are used. During the helper window, which is in
lines 24–59, 275–310, 336–371, 587–622, the demodu-
lated helper is signal processed by the horizontal scaler
and the output circuitry. It is available at the luma output
port. The processing in the helper reference lines 23
and 623 is different for the wide screen signaling part
and the black reference and helper burst signals. The
code levels are given in detail in Table 2–8, the output
signal for the helper reference line is shown in Fig. 2–17.
Table 2–7: Output signals corresponding to the different formats
Format
dblclk
enable656
HSync
VSync
AVO
Y-Data
C-Data
16 bit
YCrCb422
0
0
PAL/NTSC
PAL/NTSC
marks active
pixels
4:2:2
4:2:2
8 bit
YCrCb422
1
0
PAL/NTSC
PAL/NTSC
marks active
pixels
4:2:2
tristated
ITU-R 656
1
1
not used
not used
not used
ITU-R 656
tristated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com