Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3232D Datasheet(PDF) 52 Page - Micronas

Part # VPC3232D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3232D Datasheet(HTML) 52 Page - Micronas

Back Button VPC3232D Datasheet HTML 48Page - Micronas VPC3232D Datasheet HTML 49Page - Micronas VPC3232D Datasheet HTML 50Page - Micronas VPC3232D Datasheet HTML 51Page - Micronas VPC3232D Datasheet HTML 52Page - Micronas VPC3232D Datasheet HTML 53Page - Micronas VPC3232D Datasheet HTML 54Page - Micronas VPC3232D Datasheet HTML 55Page - Micronas VPC3232D Datasheet HTML 56Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
52
Micronas
15
RESQ
IN
X
Reset Input, Active Low
16
TEST
IN
GNDD
Test Pin, connect to GNDD
17
VGAV
IN
GNDD
VGAV Input
18
YCOEQ
IN
VSUPD
Y/C Output Enable Input, Active Low
19
FFIE
OUT
LV
FIFO Input Enable
20
FFWE
OUT
LV
FIFO Write Enable
21
FFRSTW
OUT
LV
FIFO Reset Write/Read
22
FFRE
OUT
LV
FIFO Read Enable
23
FFOE
OUT
LV
FIFO Output Enable
24
CLK20
IN/OUT
LV
Main Clock Output 20.25 MHz
25
GNDPA
SUPPLYD
X
Ground, Pad Decoupling Circuitry
26
VSUPPA
SUPPLYD
X
Supply Voltage, Pad Decoupling Circuitry
27
LLC2
OUT
LV
Double Clock Output
28
LLC1
IN/OUT
LV
Clock Output
29
VSUPLLC
SUPPLYD
X
Supply Voltage, LLC Circuitry
30
GNDLLC
SUPPLYD
X
Ground, LLC Circuitry
31
Y7
OUT
GNDY
Picture Bus Luma (MSB)
32
Y6
OUT
GNDY
Picture Bus Luma
33
Y5
OUT
GNDY
Picture Bus Luma
34
Y4
OUT
GNDY
Picture Bus Luma
35
GNDY
SUPPLYD
X
Ground, Luma Output Circuitry
36
VSUPY
SUPPLYD
X
Supply Voltage, Luma Output Circuitry
37
Y3
OUT
GNDY
Picture Bus Luma
38
Y2
OUT
GNDY
Picture Bus Luma
39
Y1
OUT
GNDY
Picture Bus Luma
40
Y0
OUT
GNDY
Picture Bus Luma (LSB)
41
C7
OUT
GNDC
Picture Bus Chroma (MSB)
42
C6
OUT
GNDC
Picture Bus Chroma
43
C5
OUT
GNDC
Picture Bus Chroma
44
C4
OUT
GNDC
Picture Bus Chroma
45
VSUPC
SUPPLYD
X
Supply Voltage, Chroma Output Circuitry
Pin No.
PQFP
80-pin
Pin Name
Type
Connection
(if not used
)
Short Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com