Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2903 Datasheet(PDF) 7 Page - Microchip Technology

Part # RN2903
Description  Low-Power Long Range LoRa Technology Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2903 Datasheet(HTML) 7 Page - Microchip Technology

Back Button RN2903 Datasheet HTML 3Page - Microchip Technology RN2903 Datasheet HTML 4Page - Microchip Technology RN2903 Datasheet HTML 5Page - Microchip Technology RN2903 Datasheet HTML 6Page - Microchip Technology RN2903 Datasheet HTML 7Page - Microchip Technology RN2903 Datasheet HTML 8Page - Microchip Technology RN2903 Datasheet HTML 9Page - Microchip Technology RN2903 Datasheet HTML 10Page - Microchip Technology RN2903 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2015 Microchip Technology Inc.
DS50002390B-page 7
RN2903
TABLE 2-3:
CURRENT CONSUMPTION
Mode
Typical Current at 3V (mA)
Idle
2.7
RX
13.5
Deep Sleep
0.002
TABLE 2-4:
MODULE DIMENSIONS
Parameter
Value
Dimensions
17.8 x 26.7 x 3.34 mm
Weight
2.05g
TABLE 2-5:
OUTPUT POWER OF TX
POWER SETTING
TX Power
Setting
Output Power
(dBm)
Typical Supply
Current at 3V
(mA)
23.0
42.6
34.0
44.8
45.0
47.3
56.0
49.6
67.0
52.0
78.0
55.0
89.0
57.7
910.0
61.0
10
11.0
64.8
11
12.0
73.1
12
13.0
78.0
14
14.7
83.0
15
15.5
88.0
16
16.3
95.8
17
17.0
103.6
20
18.5
124.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com