Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2903 Datasheet(PDF) 14 Page - Microchip Technology

Part # RN2903
Description  Low-Power Long Range LoRa Technology Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2903 Datasheet(HTML) 14 Page - Microchip Technology

Back Button RN2903 Datasheet HTML 10Page - Microchip Technology RN2903 Datasheet HTML 11Page - Microchip Technology RN2903 Datasheet HTML 12Page - Microchip Technology RN2903 Datasheet HTML 13Page - Microchip Technology RN2903 Datasheet HTML 14Page - Microchip Technology RN2903 Datasheet HTML 15Page - Microchip Technology RN2903 Datasheet HTML 16Page - Microchip Technology RN2903 Datasheet HTML 17Page - Microchip Technology RN2903 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
RN2903
DS50002390B-page 14
 2015 Microchip Technology Inc.
6.1.2
RF EXPOSURE
All transmitters regulated by FCC must comply with RF
exposure requirements. KDB 447498 General RF
Exposure Guidance provides guidance in determining
whether proposed or existing transmitting facilities,
operations or devices comply with limits for human
exposure to Radio Frequency (RF) fields adopted by
the Federal Communications Commission (FCC).
From the RN2903 FCC Grant: Output power listed is
conducted. This grant is valid only when the module is
sold to OEM integrators and must be installed by the
OEM or OEM integrators. This transmitter is restricted
for use with the specific antenna(s) tested in this
application for Certification and must not be co-located
or operating in conjunction with any other antenna or
transmitters within a host device, except in accordance
with FCC multi-transmitter product procedures.
6.1.3
APPROVED EXTERNAL ANTENNA
TYPES
To maintain modular approval in the United States, only
the antenna types that have been tested shall be used.
It is permissible to use different antenna manufacturer
provided the same antenna type and antenna gain
(equal to or less than) is used.
Testing of the RN2903 module was performed with the
antenna types listed in Table 5-1 Tested External
Antenna Types.
6.1.4
HELPFUL WEB SITES
Federal Communications Commission (FCC):
http://www.fcc.gov
FCC Office of Engineering and Technology (OET)
Laboratory Division Knowledge Database (KDB):
https://apps.fcc.gov/oetcf/kdb/index.cfm
6.2
Canada
The RN2903 module has been certified for use in
Canada under Industry Canada (IC) Radio Standards
Specification (RSS) RSS-210 and RSS-Gen. Modular
approval permits the installation of a module in a host
device without the need to recertify the device.
6.2.1
LABELING AND USER
INFORMATION REQUIREMENTS
Labeling Requirements for the Host Device (from
Section 3.2.1, RSS-Gen, Issue 3, December 2010):
The host device shall be properly labeled to identify the
module within the host device.
The Industry Canada certification label of a module
shall be clearly visible at all times when installed in the
host device, otherwise the host device must be labeled
to display the Industry Canada certification number of
the module, preceded by the words “Contains
transmitter module”, or the word “Contains”, or similar
wording expressing the same meaning, as follows:
User Manual Notice for License-Exempt Radio
Apparatus (from Section 7.1.3 RSS-Gen, Issue 3,
December 2010): User manuals for license-exempt
radio apparatus shall contain the following or
equivalent notice in a conspicuous location in the user
manual or alternatively on the device or both:
Transmitter Antenna (from Section 7.1.2 RSS-Gen,
Issue 3, December 2010): User manuals for
transmitters shall display the following notice in a
conspicuous location:
The above notice may be affixed to the device instead
of displayed in the user manual.
Contains transmitter module IC: 6514A-RN2903.
This device complies with Industry Canada license-
exempt RSS standard(s). Operation is subject to the
following two conditions: (1) this device may not
cause interference, and (2) this device must accept
any interference, including interference that may
cause undesired operation of the device.
Le présent appareil est conforme aux CNR d'Indus-
trie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux con-
ditions suivantes: (1) l'appareil ne doit pas produire
de brouillage, et (2) l'utilisateur de l'appareil doit
accepter tout brouillage radioélectrique subi, même si
le brouillage est susceptible d'en compromettre le
fonctionnement.
Under Industry Canada regulations, this radio trans-
mitter may only operate using an antenna of a type
and maximum (or lesser) gain approved for the trans-
mitter by Industry Canada. To reduce potential radio
interference to other users, the antenna type and its
gain should be so chosen that the equivalent isotrop-
ically radiated power (e.i.r.p.) is not more than that
necessary for successful communication.
Conformément à la réglementation d'Industrie Can-
ada, le présent émetteur radio peut fonctionner avec
une antenne d'un type et d'un gain maximal (ou
inférieur) approuvé pour l'émetteur par Industrie Can-
ada. Dans le but de réduire les risques de brouillage
radioélectrique à l'intention des autres utilisateurs, il
faut choisir le type d'antenne et son gain de sorte que
la puissance isotrope rayonnée équivalente (p.i.r.e.)
ne dépasse pas l'intensité nécessaire à l'établisse-
ment d'une communication satisfaisante.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com