Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2903 Datasheet(PDF) 12 Page - Microchip Technology

Part # RN2903
Description  Low-Power Long Range LoRa Technology Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2903 Datasheet(HTML) 12 Page - Microchip Technology

Back Button RN2903 Datasheet HTML 8Page - Microchip Technology RN2903 Datasheet HTML 9Page - Microchip Technology RN2903 Datasheet HTML 10Page - Microchip Technology RN2903 Datasheet HTML 11Page - Microchip Technology RN2903 Datasheet HTML 12Page - Microchip Technology RN2903 Datasheet HTML 13Page - Microchip Technology RN2903 Datasheet HTML 14Page - Microchip Technology RN2903 Datasheet HTML 15Page - Microchip Technology RN2903 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
5.3
APPLICATION SCHEMATIC
Figure 5-3 shows the schematic for the RN2903 PICtail™/PICtail Plus Daughter Board.
FIGURE 5-3:
PICTAIL™/PICTAIL PLUS DAUGHTER BOARD SCHEMATIC
+3V3
Current measure points
+3V3_M
GND
GND
GND
GND
Module_RX
Module_TX
Module_CTS
Module_RTS
+3V3_M
+3V3_M
GND
GND
GND
+3V3
+3V3
GND
GND
GND
GND
+3V3
+3V3
+3V3
GND
GND
Module_RX
Module_CTS
+3V3
GND
+3V3
GND
CUR1
CUR2
1
2
3
X
4
5
ID D+ D-+5V
GND
USB
LD1
Green
LD2
Green
D1
B0520LW-7-F
0603
0R
JP1
0603
0R
JP2
0603
0R
JP3
0603
0R
JP4
GND
PICTail
Pin 2.54 mm right angle (PBC14DBDN)
i
50 Ohm
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J1
Socket 1.27 mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J2
Socket 1.27 mm
+3V3_ext1
+3V3_ext2
1
0603
1%
R1
Vout
4
Pgd
5
EN
1
Vout
Pgd
EN
Vin
2
IC1
MCP1825-3302E/DC
GP0
GP1
GP2
GP3
GP4
GP5
GP6
GP7
GP8
GP9
GP10
GP11
GP12
GP13
PICTail Plus
RA2/AN2/C2IN+/Vref-
1
RA3/AN3/C1IN+/VREF+
2
RA4/C1OUT/SRQ/T0CKI
3
RA5/AN4/C2OUT/SRNQ/HLVDIN/SS
4
RA7/OSC1/CLKI
6
RA6/OSC2/CLKO
7
RC0/SOSCO/T1CKI/T3CKI/T3G/IOCC0
8
RC1/CCP2/SOSCI/IOCC1
9
RC2/AN14/CTPLS/CCP1/P1A/IOCC2
10
VUSB
11
D-
12
D+
13
RC6/AN18/TX/CK/IOCC6
14
RC7/RX/DT/SDO/IOCC7
15
Vss
Vdd
17
RB0/AN12/SRI/FLT0/SDI/SDA/INT0
18
RB1/AN10/C12IN3-/P1C/SCK/SCL/INT1
19
RB2/AN8/CTED1/P1B/INT2
20
RB3/AN9/C12IN2-/CTED2/CCP2/SDO
21
RB4/AN11/P1D/IOCB4
22
RB5/AN13/T1G/T3CKI/IOCB5
23
RB6/IOCB6/PGC
24
RB7/IOCB7/PGD
25
MCLR/VPP/RE3
26
RA0/AN0/C12IN0-
27
RA1/AN1/C12IN1-
28
EP
29
5,16
RA2/AN2/C2IN+/Vref-
RA3/AN3/C1IN+/VREF+
RA4/C1OUT/SRQ/T0CKI
RA5/AN4/C2OUT/SRNQ/HLVDIN/SS
RA7/OSC1/CLKI
RA6/OSC2/CLKO
RC0/SOSCO/T1CKI/T3CKI/T3G/IOCC0
RC1/CCP2/SOSCI/IOCC1
RC2/AN14/CTPLS/CCP1/P1A/IOCC2
VUSB
D-
D+
RC6/AN18/TX/CK/IOCC6
RC7/RX/DT/SDO/IOCC7
Vss
Vdd
RB0/AN12/SRI/FLT0/SDI/SDA/INT0
RB1/AN10/C12IN3-/P1C/SCK/SCL/INT1
RB2/AN8/CTED1/P1B/INT2
RB3/AN9/C12IN2-/CTED2/CCP2/SDO
RB4/AN11/P1D/IOCB4
RB5/AN13/T1G/T3CKI/IOCB5
RB6/IOCB6/PGC
RB7/IOCB7/PGD
MCLR/VPP/RE3
RA0/AN0/C12IN0-
RA1/AN1/C12IN1-
EP
IC2
PIC18LF25K50-I/ML
Module_RX
Module_TX
Module_CTS
Module_RTS
GND
+3V3
GND
GND
JP_RST
PT+_SENSE
IC2_MCLR
Insert a short on this jumper to keep IC2 in reset state
GND
USB_D+
USB_D-
25V
0603
100nF
C4
25V
0603
470nF
C2
25V
0603
1uF
C1
25V
0603
1uF
C3
6.3V
0603
10uF
C5
50V
0603
10nF
C6
6.3V
0603
4.7uF
C8
4.7k
0603
1%
R8
220
0603
1%
R9
220
0603
1%
R10
220
0603
1%
R4
220
0603
1%
R5
220
0603
1%
R6
+5V_USB
USB_DET
+5V_D
1.5k
0603
1%
R2
100
0603
1%
R7
2.7k
0603
1%
R3
ICSP_IC2
Pin 2.54 mm
1
2
3
4
5
6
TEST
GND
+3V3
+3V3
while plugged in PICtail Plus socket
RFH
SMA
GND
1
UART_RTS
2
UART_CTS
3
RESERVED
4
RESERVED
5
UART_TX
6
UART_RX
7
GND
8
GND
11
VDD
12
NC
15
NC
16
NC
17
NC
18
NC
19
GND
20
GND
28
NC
29
TEST0
30
TEST1
31
RESET
32
GND
33
VDD
34
GPIO0
35
GND
41
NC
42
GND
47
GND
UART_RTS
UART_CTS
RESERVED
RESERVED
UART_TX
UART_RX
GND
GND
VDD
NC
NC
NC
NC
NC
GND
GND
NC
TEST0
TEST1
RESET
GND
VDD
GPIO0
GND
NC
GND
GPIO1
36
GPIO2
37
GPIO3
38
GPIO4
39
GPIO5
40
GPIO6
43
GPIO7
44
GPIO8
45
GPIO9
46
GPIO11
13
GPIO10
14
GPIO12
10
GPIO13
9
U1
RN2903
Note:
Shaded components are not populated by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com