Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2903 Datasheet(PDF) 1 Page - Microchip Technology

Part # RN2903
Description  Low-Power Long Range LoRa Technology Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2903 Datasheet(HTML) 1 Page - Microchip Technology

  RN2903 Datasheet HTML 1Page - Microchip Technology RN2903 Datasheet HTML 2Page - Microchip Technology RN2903 Datasheet HTML 3Page - Microchip Technology RN2903 Datasheet HTML 4Page - Microchip Technology RN2903 Datasheet HTML 5Page - Microchip Technology RN2903 Datasheet HTML 6Page - Microchip Technology RN2903 Datasheet HTML 7Page - Microchip Technology RN2903 Datasheet HTML 8Page - Microchip Technology RN2903 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2015 Microchip Technology Inc.
DS50002390B-page 1
RN2903
General Features
• On-board LoRaWAN™ protocol stack
• ASCII command interface over UART
• Compact form factor: 17.8 x 26.7 x 3.34 mm
• Castellated SMT pads for easy and reliable PCB
mounting
• Environmentally friendly, RoHS compliant
• Compliance:
- Modular Certified for the United States (FCC)
and Canada (IC)
- Australia and New Zealand
• Device Firmware Upgrade (DFU) over UART, see
“RN2903 LoRa® Technology Module Command
Reference User’s Guide” (DS40001811)
Operational
• Single operating voltage: 2.1V to 3.6V (3.3V
typical)
• Temperature range: -40°C to +85°C
• Low-power consumption
• Programmable RF Communication Bit Rate up to
300 kbps with FSK modulation, 12500 bps with
LoRa® Technology modulation
• Integrated MCU, Crystal, EUI-64 Node Identity
Serial EEPROM, Radio Transceiver with Analog
Front End, Matching Circuitry
• 14 GPIOs for control and status
RF/Analog Features
• Low-Power Long Range Transceiver operating in
the 915 MHz frequency band
• High Receiver Sensitivity: down to -146 dBm
• TX Power: adjustable up to +18.5 dBm high
efficiency PA
• FSK, GFSK, and LoRa Technology modulation
• IIP3 = -11 dBm
• Up to 15 km coverage at suburban and up to 5 km
coverage at urban area
Description
Microchip’s RN2903 Low-Power Long Range LoRa
Technology Transceiver module provides an easy to
use, low-power solution for long range wireless data
transmission. The advanced command interface offers
rapid time to market.
The RN2903 module complies with the LoRaWAN
Class A protocol specifications. It integrates RF, a
baseband
controller,
command
Application
Programming Interface (API) processor, making it a
complete long range solution.
The RN2903 module is suitable for simple long range
sensor applications with external host MCU.
Applications
• Automated Meter Reading
• Home and Building Automation
• Wireless Alarm and Security Systems
• Industrial Monitoring and Control
• Machine to Machine (M2M)
• Internet of Things (IoT)
Low-Power Long Range LoRa® Technology
Transceiver Module


Similar Part No. - RN2903

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2903 TOSHIBA-RN2903 Datasheet
277Kb / 7P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2903AFS TOSHIBA-RN2903AFS Datasheet
178Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2903FE TOSHIBA-RN2903FE Datasheet
561Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2903FS TOSHIBA-RN2903FS Datasheet
177Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
logo
Microchip Technology
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
More results

Similar Description - RN2903

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Microchip Technology
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Dorji Industrial Group ...
DRF1268T DORJI-DRF1268T Datasheet
354Kb / 6P
22dBm LoRa Long Range RF Front-end Module
DRF1276G DORJI-DRF1276G Datasheet
592Kb / 12P
20dBm LoRa Long Range RF Front-end Module
DRF1278F DORJI-DRF1278F Datasheet
344Kb / 6P
20dBm LoRa Long Range RF Front-end Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
Low Power Long Range Transceiver Module V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com