Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2903 Datasheet(PDF) 16 Page - Microchip Technology

Part # RN2903
Description  Low-Power Long Range LoRa Technology Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2903 Datasheet(HTML) 16 Page - Microchip Technology

Back Button RN2903 Datasheet HTML 12Page - Microchip Technology RN2903 Datasheet HTML 13Page - Microchip Technology RN2903 Datasheet HTML 14Page - Microchip Technology RN2903 Datasheet HTML 15Page - Microchip Technology RN2903 Datasheet HTML 16Page - Microchip Technology RN2903 Datasheet HTML 17Page - Microchip Technology RN2903 Datasheet HTML 18Page - Microchip Technology RN2903 Datasheet HTML 19Page - Microchip Technology RN2903 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
RN2903
DS50002390B-page 16
 2015 Microchip Technology Inc.
6.4
New Zealand
RN2903 module RF transmitter test reports can be
used in part to demonstrate compliance against the
New Zealand "General User Radio License for Short
Range Devices". New Zealand Radio communications
(Radio Standards) Notice 2010 calls up the AS / NZS
4268:2008 industry standard. The RN2903 module test
reports can be used as part of the product certification
and compliance folder. For more information on the RF
transmitter test reports, contact Microchip Technology.
Information on the New Zealand short range devices
license can be found in the following web links:
http://www.rsm.govt.nz/cms/licensees/types-oflicence/
general-user-licences/short-range-devices
and
http://www.rsm.govt.nz/about-rsm/spectrum-policy
While the AS /NZS 4268:2008 refers to the USA FCC
15.247 and EN 300 220-1 V2.3.1 RF standards, the
frequency limits of 921 MHz to 928 MHz apply in New
Zealand.
To meet overall New Zealand end product compliance,
the developer must construct a compliance folder
containing all relevant compliance test reports e.g. RF,
EMC, electrical safety and DoC (Declaration of
Conformity) etc. It is the responsibility of the developer
to know what is required in the compliance folder for
New Zealand Radio communications. For more
information on New Zealand compliance, refer to the
web site http://www.rsm.govt.nz/.
6.4.1
HELPFUL WEB SITES
Radio Spectrum Ministry of Economic Development:
http://www.rsm.govt.nz/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com