Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2903 Datasheet(PDF) 8 Page - Microchip Technology

Part # RN2903
Description  Low-Power Long Range LoRa Technology Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2903 Datasheet(HTML) 8 Page - Microchip Technology

Back Button RN2903 Datasheet HTML 4Page - Microchip Technology RN2903 Datasheet HTML 5Page - Microchip Technology RN2903 Datasheet HTML 6Page - Microchip Technology RN2903 Datasheet HTML 7Page - Microchip Technology RN2903 Datasheet HTML 8Page - Microchip Technology RN2903 Datasheet HTML 9Page - Microchip Technology RN2903 Datasheet HTML 10Page - Microchip Technology RN2903 Datasheet HTML 11Page - Microchip Technology RN2903 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
RN2903
DS50002390B-page 8
 2015 Microchip Technology Inc.
3.0
TYPICAL HARDWARE CONNECTIONS
Figure 3-1 shows the typical hardware connections.
FIGURE 3-1:
HARDWARE CONNECTIONS
3.1
INTERFACE TO HOST MCU
The RN2903 module has a dedicated UART interface
to communicate with a host controller. Optional
handshake lines are supported in future firmware
releases. The “RN2903 LoRa® Technology Module
Command Reference User’s Guide” (DS40001811)
provides a detailed UART command description.
Table 3-1 shows the default settings for the UART
communication.
3.2
GPIO PINS (GPIO0–GPIO13)
The module has 14 GPIO pins. These lines can be
connected to switches, LEDs, and relay outputs. The
pins can be either logic inputs or outputs, and some
pins have analog input capability that can be accessed
via the module firmware. These pins have limited sink
and source capabilities. Electrical characteristics are
described in Table 2-2. For more information, see
“RN2903 LoRa® Technology Module Command
Reference User’s Guide” (DS40001811).
3.3
RF CONNECTION
When routing RF path, use proper strip lines with an
impedance of 50 Ohm.
3.4
RESET PIN
The Reset pin of the module is an active-low logic
input.
3.5
POWER PINS
It is recommended to connect power pins (Pin 12 and
34) to a stable supply voltage with sufficient source
current. Table 2-3 shows the current consumption.
Additional filtering capacitors are not required but used
to ensure stable supply voltage in a noisy environment.
RN2903
GPIOs
Host MCU
TX
TX
RX
RX
CTS
(1)
RTS
RTS
(1)
CTS
RFH
915 MHz band
UART
Status LEDs,
witches,
ogic IOs,
etc.
14
Note 1: Optional handshake lines
supported in future firmware releases.
TABLE 3-1:
DEFAULT UART SETTINGS
Specification
Description
Baud Rate
57600 bps
Packet Length
8 bit
Parity Bit
No
Stop Bits
1 bit
Hardware Flow Control
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com