Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP17E Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12LP17E Datasheet HTML 2Page - Microchip Technology SST12LP17E Datasheet HTML 3Page - Microchip Technology SST12LP17E Datasheet HTML 4Page - Microchip Technology SST12LP17E Datasheet HTML 5Page - Microchip Technology SST12LP17E Datasheet HTML 6Page - Microchip Technology SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology SST12LP17E Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
6
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Table 4: RF Characteristics at 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2412
2484
MHz
G
Small signal gain
27
28
dB
GVAR1
Gain variation over band (2412–2484 MHz)
±0.5
dB
GVAR2
Gain ripple over channel (20 MHz)
0.2
dB
2f, 3f, 4f, 5f
Harmonics at 23 dBm, without external filters
-40
dBc
EVM
EVM @ 18 dBm output with 802.11g OFDM 54 Mbps
signal
3%
EVM @ 17 dBm output with MCS7-40 MHz band-
width
2.5
%
POUT
Output Power to meet 802.11g OFDM 54 Mbps
spectrum mask
20.5
21.5
dBm
Output Power to meet 802.11b DSSS 1 Mbps
spectrum mask
21
22.5
dBm
T4.2 75004
Table 5: Characteristics at 25°C for Bluetooth Applications
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2412
2484
MHz
G
Small signal gain (configured as shown in Figure 9
on page 10)
26
28
dB
Small signal gain (VREF = 3.0V with 1.5kΩ series
resistor)
23
26
dB
ICC
DC current at 17 dBm CW (configured as shown in
Figure 9 on page 10)
100
mA
DC current at 12 dBm CS (VREF = 3.0V with 1.5kΩ
series resistor)
50
mA
Power
Meeting Bluetooth spectrum power density using 3
Mbps modulation (-20 dBm at 1.5 MHz and -40 dBm
at 2.5 MHz, 100 kHz RBW)
(configured as shown in Figure 9 on page 10)
17
dBm
Meeting Bluetooth spectrum power density using 3
Mbps modulation (-20 dBm at 1.5 MHz and -40 dBm
at 2.5 MHz, 100 kHz RBW)
(VREF = 3.0V with 1.5kΩ series resistor)
12
dBm
T5.2 75004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com