Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP17E Datasheet(PDF) 2 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 2 Page - Microchip Technology

  SST12LP17E Datasheet HTML 1Page - Microchip Technology SST12LP17E Datasheet HTML 2Page - Microchip Technology SST12LP17E Datasheet HTML 3Page - Microchip Technology SST12LP17E Datasheet HTML 4Page - Microchip Technology SST12LP17E Datasheet HTML 5Page - Microchip Technology SST12LP17E Datasheet HTML 6Page - Microchip Technology SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
2
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Product Description
The SST12LP17E is a versatile power amplifier based on the highly-reliable InGaP/GaAs HBT tech-
nology.The input/output RF ports are fully matched to 50
internally. These RF ports are DC decoupled and
require no DC-blocking capacitors or matching components. This helps reduce the system board’s Bill of Materi-
als (BOM) cost.
SST12LP17E is a 2.4 GHz fully-integrated, high-efficiency Power Amplifier module designed in compli-
ance with IEEE 802.11b/g/n applications. It typically provides 28 dB gain with 28% power-added effi-
ciency (PAE) @ POUT = 21.5 dBm for 802.11g and 33% PAE @ POUT = 22.5 dBm for 802.11b.
This power amplifier has excellent linearity, typically 3% added EVM at 18 dBm output power which is essential
for 54 Mbps 802.11g operation while meeting 802.11g spectrum mask at 21.5 dBm and 802.11b spectrum
mask at 22.5 dBm. Using MCS7 modulation, with 40 MHz bandwidth, the SST12LP17E provides 17 dBm at
2.5% EVM.
The device also features easy board-level usage along with high-speed power-up/down control through a single
combined reference voltage pin. Ultra-low reference current (total IREF ~2 mA) makes the SST12LP17E control-
lable by an on/off switching signal directly from the baseband chip. These features, coupled with low operating
current, make the SST12LP17E ideal for the final stage power amplification in battery-powered 802.11b/g/n
WLAN transmitter and Bluetooth applications.
The SST12LP17E has an excellent on-chip, single-ended power detector, which features wide dynamic-range,
>15 dB, with dB-wise linear performance. The excellent on-chip power detector provides a reliable solution
to board-level power control.
The SST12LP17E is offered in both 8-contact X2SON and 8-contact USON packages. See Figure 2 for pin
assignments and Table 1 for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com