Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP17E Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 1 Page - Microchip Technology

  SST12LP17E Datasheet HTML 1Page - Microchip Technology SST12LP17E Datasheet HTML 2Page - Microchip Technology SST12LP17E Datasheet HTML 3Page - Microchip Technology SST12LP17E Datasheet HTML 4Page - Microchip Technology SST12LP17E Datasheet HTML 5Page - Microchip Technology SST12LP17E Datasheet HTML 6Page - Microchip Technology SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
Data Sheet
www.microchip.com
Features
• Input/Output ports internally matched to 50
 and
DC decoupled
• High gain:
– Typically 28 dB gain across 2.4–2.5 GHz
• High linear output power:
– >24 dBm P1dB
- Single-tone measurement. Please refer to “Absolute
Maximum Stress Ratings” on page 5
– Meets 802.11g OFDM ACPR requirement up to 21.5
dBm
– 3% EVM up to 18 dBm for 54 Mbps 802.11g signal
– 2.5% EVM up to 17 dBm for 802.11n, MCS7, 40 MHz
– Meets 802.11b ACPR requirement up to 22.5 dBm
– Meets Bluetooth® spectrum mask for 3 Mbps at 17 dBm
typical
• High power-added efficiency/Low operating cur-
rent for 802.11b/g/n applications
– ~28%/138 mA @ POUT = 21.5 dBm for 802.11g
– ~33%/155 mA @ POUT = 22.5 dBm for 802.11b
• Single-pin low IREF power-up/down control
–IREF <2 mA
• Low idle current
– ~60 mA ICQ
• High-speed power-up/down
– Turn on/off time (10%- 90%) <100 ns
– Typical power-up/down delay with driver delay included
<200 ns
• Low shut-down current (~2 µA)
• Stable performance over temperature
– ~2 dB gain variation between -40°C to +85°C
– ~1 dB power variation between -40°C to +85°C
• Excellent on-chip power detection
– >15 dB dynamic range, dB-wise linear
– VSWR insensitive, temperature stable
• Packages available
– 8-contact X2SON – 2mm x 2mm x 0.4mm
– 8-contact USON – 2mm x 2mm x 0.6mm
• Non-Pb (lead-free), RoHS compliant, and Halogen free
Applications
• WLAN (IEEE 802.11b/g/n)
• Bluetooth®
• Cordless phones
• 2.4 GHz ISM wireless equipment
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
SST12LP17E is a 2.4 GHz high-efficiency, fully-matched power amplifier module
based on the highly-reliable InGaP/GaAs HBT technology. It is designed in compli-
ance with IEEE 802.11b/g/n applications and typically provides 28 dB gain with 28%
power-added efficiency at 21dBm. SST12LP17E has excellent linearity, providing
3% EVM at typically 18 dBm, while meeting 802.11g spectrum mask at 21.5 dBm.
This power amplifier requires no external RF matching, and only requires one exter-
nal DC-bias capacitor to meet the specified performance. It offers high-speed
power-up/-down control through a single reference voltage pin and includes a tem-
perature-stable, VSWR insensitive power detector voltage output. SST12LP17E is
offered in a super-thin (0.4mm maximum) 8-contact X2SON package and a 8-con-
tact USON package.


Similar Part No. - SST12LP17E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
More results

Similar Description - SST12LP17E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Silicon Storage Technol...
SST12LF02 SST-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LP08A SST-SST12LP08A Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier Module
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
logo
Microchip Technology
SST12LP17A MICROCHIP-SST12LP17A Datasheet
850Kb / 17P
2.4 GHz WLAN, High-Efficiency Power Amplifier Module
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com