Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP17E Datasheet(PDF) 12 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology SST12LP17E Datasheet HTML 10Page - Microchip Technology SST12LP17E Datasheet HTML 11Page - Microchip Technology SST12LP17E Datasheet HTML 12Page - Microchip Technology SST12LP17E Datasheet HTML 13Page - Microchip Technology SST12LP17E Datasheet HTML 14Page - Microchip Technology SST12LP17E Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
12
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Packaging Diagrams
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-14006A Sheet 1 of 1
8-Lead Ultra Thin Small Outline No-Leads (QU8E/F) - 2x2 mm Body [USON]
Note:
1. Similar to JEDEC JEP95 XQFN/XSON variants, though number of contacts and some dimensions are different.
2. The topside pin #1 indicator is laser engraved; its approximate shape and location is as shown.
3. From the bottom view, the pin #1 indicator may be either a curved indent or a 45-degree chamfer.
4. The external paddle is electrically connected to the die back-side and to VSS.
This paddle must be soldered to the PC board; it is required to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential will result in shorts and electrical malfunction of the device.
5. Untoleranced dimensions are nominal target dimensions.
6. All linear dimensions are in millimeters (max/min).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com