Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP17E Datasheet(PDF) 13 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology SST12LP17E Datasheet HTML 10Page - Microchip Technology SST12LP17E Datasheet HTML 11Page - Microchip Technology SST12LP17E Datasheet HTML 12Page - Microchip Technology SST12LP17E Datasheet HTML 13Page - Microchip Technology SST12LP17E Datasheet HTML 14Page - Microchip Technology SST12LP17E Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
13
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
B
A
0.10 C
0.10 C
0.08
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
12
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
NOTE 1
12
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-201-XX8E-A Sheet 1 of 2
2X
8X
D
E
D2
E2
8X K
8X b
8X L
L2
e
2
e
A
A1
NOTES 1 & 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com