Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ADE3000
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ADE3000 Datasheet HTML 7Page - STMicroelectronics ADE3000 Datasheet HTML 8Page - STMicroelectronics ADE3000 Datasheet HTML 9Page - STMicroelectronics ADE3000 Datasheet HTML 10Page - STMicroelectronics ADE3000 Datasheet HTML 11Page - STMicroelectronics ADE3000 Datasheet HTML 12Page - STMicroelectronics ADE3000 Datasheet HTML 13Page - STMicroelectronics ADE3000 Datasheet HTML 14Page - STMicroelectronics ADE3000 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
11/88
ADE3XXX
Pin Description
162
OGB1
Output
Output Port B: Green Data 1
163
OGB0
Output
Output Port B: Green Data 0
164
DVDD18
Power
Digital 1.8V VDD
165
DGND
Power
Digital Ground
166
DVDD18
Power
Digital 1.8V VDD
167
DGND
Power
Digital Ground
168
ORB7
Output
Output Port B: Red Data 7
169
ORB6
Output
Output Port B: Red Data 6
170
ORB5
Output
Output Port B: Red Data 5
171
ORB4
Output
Output Port B: Red Data 4
172
DVDD33
Power
Digital 3.3V VDD
173
DGND
Power
Digital Ground
174
ORB3
Output
Output Port B: Red Data 3
175
ORB2
Output
Output Port B: Red Data 2
176
ORB1
Output
Output Port B: Red Data 1
177
ORB0
Output
Output Port B: Red Data 0
178
DVDD18
Power
Digital 1.8V VDD
179
DGND
Power
Digital Ground
180
DVDD18
Power
Digital 1.8V VDD
181
DGND
Power
Digital Ground
182
CLKOUT
Output
Not to be connected - Reserved
183
CLKIN
Input
To be connected to Digital Ground - Reserved
184
TCON_IN
Input
TCON input
185
DVDD33
Power
Digital 3.3V VDD
186
DGND
Power
Digital Ground
187
TCON7
Input/Output
TCON Output 7/YUV Input 15
188
TCON6
Input/Output
TCON Output 6/YUV Input 14
189
TCON5
Input/Output
TCON Output 5/YUV Input 13
190
TCON4
Input/Output
TCON Output 4/YUV Input 12
191
DVDD18
Power
Digital 1.8V VDD
192
DGND
Power
Digital Ground
193
DVDD18
Power
Digital 1.8V VDD
194
DGND
Power
Digital Ground
195
TCON3
Input/Output
TCON Output 3/YUV Input 11
196
TCON2
Input/Output
TCON Output 2/YUV Input 10
197
TCON1
Input/Output
TCON Output 1/YUV Input 9
198
TCON0
Input/Output
TCON Output 0/YUV Input 8
199
DVDD18
Power
Digital 1.8V VDD
200
DGND
Power
Digital Ground
Table 2: Pin Description (Sheet 6 of 7)
Pin #
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com