Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ADE3000
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ADE3000 Datasheet HTML 20Page - STMicroelectronics ADE3000 Datasheet HTML 21Page - STMicroelectronics ADE3000 Datasheet HTML 22Page - STMicroelectronics ADE3000 Datasheet HTML 23Page - STMicroelectronics ADE3000 Datasheet HTML 24Page - STMicroelectronics ADE3000 Datasheet HTML 25Page - STMicroelectronics ADE3000 Datasheet HTML 26Page - STMicroelectronics ADE3000 Datasheet HTML 27Page - STMicroelectronics ADE3000 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
Digital Video Input (DVI)
ADE3XXX
24/88
DVI_INVALID_SEL_EN
0x0407
R/W
[7:3]
Reserved
R/W
[2:1]
0x0
channel to count invalid code events
0: blue channel
1: green channel
2: red channel
R/W
[0]
0x0
invalid code accumulation period
0: 16k lines
1: 4 lines
DVI_ERROR_SKEW_EN
0x0408
R/W
[7:3]
0x0
Reserved
R/W
[2]
0x0
0: tracking in data & blanking
1: tracking only in blanking
R/W
[1]
0x0
enable channel skew protection
R/W
[0]
0x0
enable error concealment
DVI_LCR0_1
0x0409
R/W
[7:4]
0x7
4 bit incr value (2’s complement)
R/W
[3:0]
0x4
4 bit incr value (2’s complement)
DVI_LCR2_3
0x040A
R/W
[7:4]
0x0
4 bit incr value (2’s complement)
R/W
[3:0]
0x0
4 bit incr value (2’s complement)
DVI_LCR4_5
0x040B
R/W
[7:0]
0x0
4 bit incr value (2’s complement)
R/W
[3:0]
0x9
4 bit incr value (2’s complement)
DVI_LCR6_7
0x040C
R/W
[7:0]
0xF
4 bit incr value (2’s complement)
R/W
[3:0]
0x0
4 bit incr value (2’s complement)
DVI_LCR_RV_EN
0x040D
R/W
[7]
0x1
Enable Restoring Force for LCR7.
R/W
[6]
0x0
Enable Restoring Force for LCR6.
R/W
[5]
0x0
Enable Restoring Force for LCR5.
R/W
[4]
0x0
Enable Restoring Force for LCR4.
R/W
[3]
0x0
Enable Restoring Force for LCR3.
R/W
[2]
0x0
Enable Restoring Force for LCR2.
R/W
[1]
0x0
Enable Restoring Force for LCR1.
R/W
[0]
0x0
Enable Restoring Force for LCR0.
DVI_TEST_SEL
0x040E
[7:0]
0x0
Reserved
DVI_PLL_0
0x0480
R/W
[7]
0x0
Termination control
0: 50ohm Impedance (normal)
1: High impedance
Table 9: DVI Registers (Sheet 2 of 5)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com