Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ADE3000
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000 Datasheet(HTML) 1 Page - STMicroelectronics

  ADE3000 Datasheet HTML 1Page - STMicroelectronics ADE3000 Datasheet HTML 2Page - STMicroelectronics ADE3000 Datasheet HTML 3Page - STMicroelectronics ADE3000 Datasheet HTML 4Page - STMicroelectronics ADE3000 Datasheet HTML 5Page - STMicroelectronics ADE3000 Datasheet HTML 6Page - STMicroelectronics ADE3000 Datasheet HTML 7Page - STMicroelectronics ADE3000 Datasheet HTML 8Page - STMicroelectronics ADE3000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
October 2003
1/88
ADE3000 ADE3050 ADE3100
ADE3200 ADE3250 ADE3300
LCD Display Engines
with Integrated DVI, ADC and YUV Ports
®
The ADE3xxx is a family of highly integrated display engine ICs, enabling the most advanced, flexible, and
cost-effective system-on-chip solutions for LCD display applications. The ADE3xxx line-up covers the full
range of applications from XGA analog only to dual SXGA Smart Panel designs.
All twelve ADE3xxx
devices are pin-to-pin compatible and use a common software platform.
Feature Overview
s Programmable Context Sensitive™ Scaling
s High-quality up-scaling and down-scaling
s Dual Input: DVI / VGA
s Integrated 9-bit ADC/PLL
s Integrated DVI-Rx
s IQSync™ AutoSetup
s Integrated programmable timing controller
s Integrated Pattern generator
s Perfect Picture™ Technology
s sRGB 3D Color Warp
s Integrated OSD
s Advanced EMI reduction features
s Framelock operation with Safety Mode™
s Serial I²C interface
s Low power 0.18 µm process technology
Product Selector
208-pin PQFP Package
Product
Input Interface Support
Output Format Support
Analog
DVI
YUV
Resolution
TCON
ADE3000
xx
Up to XGA 75Hz
ADE3000T
xx
Up to XGA 75Hz
x
ADE3000SX
xx
Up to SXGA 75Hz
ADE3000SXT
xx
Up to SXGA 75Hz
x
ADE3050
xx
Up to XGA 75Hz
ADE3050T
xx
Up to XGA 75Hz
x
ADE3050SX
xx
Up to SXGA 75Hz
ADE3050SXT
xx
Up to SXGA 75Hz
x
ADE3100
xx
x
Up to XGA 75Hz
ADE3200
xx
x
Up to XGA 75Hz
x
ADE3250
xx
x
Up to SXGA 75Hz
x
ADE3300
xx
x
Up to SXGA 75Hz


Similar Part No. - ADE3000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ADE303 PANASONIC-ADE303 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
ADE303 PANASONIC-ADE303 Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
ADE303 PANASONIC-ADE303 Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
ADE303 PANASONIC-ADE303 Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
ADE304 PANASONIC-ADE304 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
More results

Similar Description - ADE3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9255 ETC-S9255 Datasheet
172Kb / 3P
DVI INTERFACE WITH TCON DISPLAY PROCESSOR
ES51977 ETC1-ES51977 Datasheet
264Kb / 21P
Integrated analog-to-digital converter (ADC)with 3 3/4 digits and 42-segment bargraph LCD display
logo
Advantech Co., Ltd.
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
logo
Axiomtek Co., Ltd.
SBC82820 AXIOMTEK-SBC82820 Datasheet
154Kb / 1P
DVI-I for VGA and DVI-D display output
logo
Advantech Co., Ltd.
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-7181W ADVANTECH-FPM-7181W_15 Datasheet
382Kb / 2P
18.5" WXGA Industrial Monitor with PCT Touch, Direct-VGA and DVI Ports
logo
SINOWEALTH Electronic L...
SH79F3252 SINOWEALTH-SH79F3252 Datasheet
1Mb / 112P
Enhanced 8051 Microcontroller with 10bit ADC and LCD
V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com