Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ADE3000
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000 Datasheet(HTML) 2 Page - STMicroelectronics

  ADE3000 Datasheet HTML 1Page - STMicroelectronics ADE3000 Datasheet HTML 2Page - STMicroelectronics ADE3000 Datasheet HTML 3Page - STMicroelectronics ADE3000 Datasheet HTML 4Page - STMicroelectronics ADE3000 Datasheet HTML 5Page - STMicroelectronics ADE3000 Datasheet HTML 6Page - STMicroelectronics ADE3000 Datasheet HTML 7Page - STMicroelectronics ADE3000 Datasheet HTML 8Page - STMicroelectronics ADE3000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
ADE3XXX
2/88
Third Generation Context Sensitive™ Scaler
q
Sharper text with Edge Enhancement
q
RAM based coefficients for unique
customization
q
5:1 upscale and 2:1 downscale
q
Independent X - Y axis zoom and shrink
q
Bob de-interlacing eliminates jaggies and
motion artifacts
Analog RGB input
q
140MHz 9-bit ADC
q
Ultra low jitter digital linelock PLL
q
Composite Sync and Sync on Green support
Secure DVI™ Receiver
q
Single Link DVI receiver
q
Input Pixel Rate from 25 to140 MHz
q
Low power mode with activity detection
q
Compatibility with all DVI compliant
transmitters
Digital TV Video Input
q
VESA VIP 1.1, 2.0 and CCIR656 compliant
q
25 to 75 MHz input clock
IQsync™ AutoSetup
q
AutoSetup configures phase, clock, level, and
position
q
Supports continuous calibration for reduced
user intervention
q
Detects activity on all inputs and selects the
active source
q
Compatible with all standard VESA and GTF
modes
Perfect Picture™ Technology
q
Video & Picture highlight zoning
q
Supports up to 7 different windows
q
Independent window controls for contrast
brightness, sharpness, and color
Perfect Color™ Technology
q
Programmable 3D color warp
q
Digital brightness, contrast, hue, and
saturation gamma controls for all inputs
q
Simple white point control
q
Compatible with sRGB standard
q
True color dithering for 12- and 18-bit panels
q
Temporal and spatial dithering
q
30-bit programmable gamma table
OSD Engine
q
256 RAM based 12x18 characters
q
1 and 4-bit per pixel color characters
q
Bordering, shadowing, transparency, fade-in,
and fade-out
q
Supports font rotation
q
Up to 4 sub windows
q
32 entry TrueColor LUT
Programmable Timing Controller (TCON)
q
Highly-programmable support for XGA, TTL
and RSDS SmartPanels
q
Dual function TTL and RSDS outputs
q
Advanced flicker detection and reduction
q
12 programmable timing signals for row/
column control
q
Wide range of drivers & TCON compatibility
q
Simulation tools for easy programming
q
Supports complex polarity generation for IPS
panels
Advanced EMI Reduction Features
q
Flexible data inversion / transition
minimization, single, dual, and separate
q
Per pin delay, 0 to 6ns in 0.4ns increments
q
Adaptive Slew Rate control outputs
q
Supports 18/24/36/48-bit RSDS outputs
q
Differential clock
q
Spread spectrum -programmable digital FM
modulation of the output clock with no
external components
Output Format
q
Supports resolutions up to SXGA @ 75Hz
q
Supports 6 or 8-bit Panels
q
Support double or single pixel wide formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com