Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ADE3000
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ADE3000 Datasheet HTML 45Page - STMicroelectronics ADE3000 Datasheet HTML 46Page - STMicroelectronics ADE3000 Datasheet HTML 47Page - STMicroelectronics ADE3000 Datasheet HTML 48Page - STMicroelectronics ADE3000 Datasheet HTML 49Page - STMicroelectronics ADE3000 Datasheet HTML 50Page - STMicroelectronics ADE3000 Datasheet HTML 51Page - STMicroelectronics ADE3000 Datasheet HTML 52Page - STMicroelectronics ADE3000 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
49/88
ADE3XXX
Scaler Block
PNL block to the LCD gamma value, then the post-scaler gamma RAM implements the
corresponding inverse gamma function.
2.14
Scaler Block
The scale module resizes images from one resolution to another. For this, a 3x3 non-separable
scaling filter performs a dot product of the input pixel values with a weighting vector computed from
the chosen filtering function. To sharpen text without introducing excessive artifacts, the output pixel
contrast level is adjusted with the context value measured over a 3x3 grid in the relevant area of the
source image.
For proper scaler operation, set the SCLK frequency to be greater than the max of dclk and
in_hpixel x dclk_freq / (dest_hpixel x pixel_avg).
Table 17: PNL Registers
Register Name
Addr
Mode
Bits
Default
Description
PNL_CTRL
0x0080
R/W
[7:6]
0x0
Reserved
[5:0]
0x0
0x00: bypass
0x01 - 0x1F: gamma <1.0
0x20 - 0x3F: gamma >1.0
0x30: gamma = 2.2
Table 18: Scaler Block Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Default
Description
SCL_SRC_HPIX_L
0x0A00
R/W
[7:0]
0x0
input horizontal resolution in top 12 bits
Bits [3:0] must be set to zero.
If pixel averaging is necessary then this
register contains the averaged, round-down
resolution, e.g, if the original resolution is 65
and if the mode is averaging-by-2 then 32
should be programmed in this register.
SCL_SRC_HPIX_H
0x0A01
R/W
[7:0]
SCL_SRC_VPIX_L
0x0A02
R/W
[7:0]
0x0
Input Vertical Resolution
[3:0] must be set to 0.
SCL_SRC_VPIX_H
0x0A03
R/W
[7:0]
SCL_DES_HPIX_L
0x0A04
R/W
[7:0]
0x0
scaled active area width in pixels
[15:4] = integer; [3:0] = fraction
SCL_DES_HPIX_H
0x0A05
R/W
[7:0]
SCL_DES_VPIX_L
0x0A08
R/W
[7:0]
0x0
scaled active area height in lines
[15:4] = integer; [3:0] = fraction
SCL_DES_VPIX_H
0x0A09
R/W
[7:0]
SCL_HPOS_L
0x0A0A
R/W
[7:0]
0x0
horizontal position of upper left pixel of active
output data
[15:4] = integer; [3:0] = fraction
SCL_HPOS_H
0x0A0B
R/W
[7:0]
SCL_VPOS_E_L
0x0A0E
R/W
[7:0]
0x0
vertical position of upper left pixel of output
data for even/non-interlace frames
[15:4] = integer; [3:0] = fraction
SCL_VPOS_E_H
0x0A0F
R/W
[7:0]
SCL_VPOS_O_L
0x0A10
R/W
[7:0]
0x0
vertical position of the upper left pixel of
output data of odd fields
bits [15:4] = integer; bits [3:0] = fraction
SCL_VPOS_O_H
0x0A11
R/W
[7:0]
SCL_THRES_SLOPE
0x0A12
R/W
[7:6]
0x0
Reserved
[5:0]
0x28
slope of the contrast amplification function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com