Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ADE3000
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ADE3000 Datasheet HTML 18Page - STMicroelectronics ADE3000 Datasheet HTML 19Page - STMicroelectronics ADE3000 Datasheet HTML 20Page - STMicroelectronics ADE3000 Datasheet HTML 21Page - STMicroelectronics ADE3000 Datasheet HTML 22Page - STMicroelectronics ADE3000 Datasheet HTML 23Page - STMicroelectronics ADE3000 Datasheet HTML 24Page - STMicroelectronics ADE3000 Datasheet HTML 25Page - STMicroelectronics ADE3000 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
Digital Video Input (DVI)
ADE3XXX
22/88
2.5
Digital Video Input (DVI)
The DVI receiver has the following features:
q
compatible with all DVI complaint transmitters up to 140 MHz pixel clock
q
on chip termination adjustable by I2C and/or one (~10X) external reference resistor
q
HDCP and standby / power down supported
q
decoder digitally corrects for skew errors of at least ±1 pixel in reference to any other channel
q
bitstream can be decoded and measured without the presence of horizontal and vertical sync
pulses
LLK_PLL_UPDATE
0x0840
R
[7]
In Free-running mode, toggles when status
is updated.
In one-shot mode, this bit is set when status
is ready.
[6:2]
Reserved
R/W
[1]
0x0
0: Free-running mode
1: one-shot mode
R/W
[0]
0x0
update enable
LLK_PLL_STATUS
0x0841
[7:4]
Reserved
R
[3]
LLK overflow
R
[2]
coarse error = 0
R
[1]
in slow mode
R
[0]
in lock mode
LLK_PLL_PH_ERROR_L
0x0842
R
[7:0]
phase error
LLK_PLL_PH_ERROR_H
0x0843
R
[7:0]
LSB = approx. 200ps
LLK_PLL_PHASE_RATE_0
0x0844
R
[7:0]
LLK phase rate
LLK_PLL_PHASE_RATE_1
0x0845
R
[7:0]
fOUT = fXTAL x 2
27+NDIV / PHASE_RATE
LLK_PLL_PHASE_RATE_2
0x0846
R
[7:0]
LLK_PLL_PHASE_RATE_3
0x0847
R
[7:0]
LLK_PLL_PHASE_RATE_I_0
0x0848
R
[7:0]
integral phase rate
LLK_PLL_PHASE_RATE_I_1
0x0849
R
[7:0]
LLK_PLL_PHASE_RATE_I_2
0x084A
R
[7:0]
LLK_PLL_PHASE_RATE_I_3
0x084B
R
[7:0]
LLK_PLL_STAT_ERROR_MEAN
0x084C
R
[7:0]
Average Phase Error over STAT_LINES
phase error LSB is approx. 200ps
LLK_PLL_STAT_ERROR_PP_L
0x084D
R
[7:0]
Peak Phase Error over STAT_LINES
LLK_PLL_STAT_ERROR_PP_H
0x084E
R
[7:0]
phase error LSB is approx. 200ps
LLK_PLL_STAT_ERROR_ABS_L
0x084F
R
[7:0]
sum of absolute phase errors over
STAT_LINES
phase error LSB is approx. 200ps
LLK_PLL_STAT_ERROR_ABS_H
0x0850
R
[7:0]
LLK_PLL_STAT_ERROR_GTX
0x0851
[7:0]
Reserved
Table 7: Line Lock PLL Registers (Sheet 4 of 4)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com