Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985IM5-2.7/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-2.7/NOPB
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-2.7/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3985IM5-2.7/NOPB Datasheet HTML 10Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 11Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 12Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 13Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 14Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 15Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 16Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 17Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LP3985
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
www.ti.com
Feature Description (continued)
7.3.3 Fast On-Time
The LP3985 output is turned on after VREF voltage reaches its final value (1.23 V, nominal). To speed up this
process, the noise reduction capacitor at the BYPASS pin is charged with an internal 70-µA current source. The
current source is turned off when the bandgap voltage reaches approximately 95% of its final value. The turnon
time is determined by the time constant of the bypass capacitor. The smaller the capacitor value, the shorter the
turn on time, but less noise gets reduced. As a result, turn on time and noise reduction need to be taken into
design consideration when choosing the value of the bypass capacitor.
7.4 Device Functional Modes
7.4.1 Operation with VOUT(TARGET) + 0.3 V ≤ VIN ≤ 6 V
The device operates if the input voltage is equal to, or exceeds, VOUT(TARGET) + 0.3 V. At input voltages below the
minimum VIN requirement, the devices does not operate correctly, and output voltage may not reach target value.
7.4.2 Operation Using the EN Pin
If the voltage on the EN pin is less than 0.4 V, the device is disabled, and in this state shutdown current does not
exceed 1.5
μA. Raising VEN above 1.4 V initiates the start-up sequence of the device.
14
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com