| Electronic Components Datasheet Search |
|
LP3985IM5-2.7/NOPB Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3985IM5-2.7/NOPB Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 32 page ![]() Input Capacitor Bypass Capacitor C3 A1 C1 B2 A3 Output Capacitor BYPASS IN OUT GND EN IN GND EN OUT BYPASS Ground VOUT VIN Input Capacitor Output Capacitor Bypass Capacitor LP3985 www.ti.com SNVS087AE – OCTOBER 2000 – REVISED MAY 2015 10 Layout 10.1 Layout Guidelines For best overall performance, place all circuit components on the same side of the circuit board and as near as practical to the respective LDO pin connections. Place ground return connections to the input and output capacitor, and to the LDO ground pin as close to each other as possible, connected by a wide, component-side, copper surface. The use of vias and long traces to create LDO circuit connections is strongly discouraged and negatively affects system performance. This grounding and layout scheme minimizes inductive parasitics, and thereby reduces load-current transients, minimizes noise, and increases circuit stability. A ground reference plane is also recommended and is either embedded in the PCB itself or located on the bottom side of the PCB opposite the components. This reference plane serves to assure accuracy of the output voltage, shield noise, and behaves similar to a thermal plane to spread (or sink) heat from the LDO device. In most applications, this ground plane is necessary to meet thermal requirements. 10.2 Layout Examples Figure 41. LP3985 SOT-23 Package Typical Layout Figure 42. LP3985 DSBGA Package Typical Layout 10.3 DSBGA Mounting The DSBGA package requires specific mounting techniques which are detailed in Texas Instruments Application Note 1112 DSBGA Wafer Level Chip Scale Package (SNVA009). Referring to the section Surface Mount Technology (SMT) Assembly Considerations, it should be noted that the pad style which must be used with the 5-bump package is NSMD (non-solder mask defined) type. For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the DSBGA device. 10.4 DSBGA Light Sensitivity Exposing the DSBGA device to direct sunlight will cause mis-operation of the device. Light sources such as halogen lamps can effect electrical performance if brought near to the device. Copyright © 2000–2015, Texas Instruments Incorporated Submit Documentation Feedback 19 Product Folder Links: LP3985 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |