Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985IM5-2.7/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-2.7/NOPB
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-2.7/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP3985IM5-2.7/NOPB Datasheet HTML 1Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 2Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 3Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 4Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 5Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 6Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 7Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 8Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BYPASS
LP3985
IN
OUT
EN
3(A1)
5(C1)
4(A3)
2(B2)
1µF
1(C3)
*
1µF
Pin Numbers in parenthesis indicate DSBGA package.
* Optional Noise Reduction Capacitor.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3985
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
1 Features
3 Description
The LP3985 is designed for portable and wireless
1
•
Input Voltage: 2.5 V to 6 V
applications with demanding performance and space
•
100-mV Maximum Dropout with 150-mA Load
requirements. LP3985 performance is optimized for
•
150-mA Verified Output
battery-powered systems to deliver ultra low noise,
extremely low dropout voltage, and low quiescent
•
50-dB PSRR at 1 kHz at VIN = VOUT + 0.2 V
current. Regulator ground current increases only
•
≤ 1.5-μA Quiescent Current when Shut Down
slightly in dropout, further prolonging the battery life.
•
Fast Turn-On time: 200
μs (typ.)
The LP3985 is stable with a small 1-µF ±30%
•
30-
μVRMS Output Noise (typical) over 10 Hz to 100
ceramic or high-quality tantalum output capacitor. The
kHz
DSBGA requires the smallest possible PC board area
•
−40°C to 125°C Junction Temperature Range for
- the total application circuit area can be less than 2
Operation
mm x 2.5 mm, a fraction of a 1206 case size.
•
2.5-V, 2.6-V, 2.7-V, 2.8-V, 2.85-V, 2.9-V, 3-V, 3.1-
An optional external bypass capacitor reduces the
V, 3.2-V, 3.3-V, 4.7-V, 4.75-V, 4.8-V and 5-V
output noise without slowing down the load transient
Outputs Standard
response. Fast startup time is achieved by utilizing an
internal power-on circuit that actively pre-charges the
•
Logic Controlled Enable
bypass capacitor.
•
Stable with Ceramic and High-Quality Tantalum
Power supply rejection is better than 50 dB at low
Capacitors
frequencies and starts to roll off at 1 kHz. High power
•
Fast Turnon
supply rejection is maintained down to low input
•
Thermal Shutdown and Short-Circuit Current Limit
voltage levels common to battery operated circuits.
The device is ideal for mobile phone and similar
2 Applications
battery-powered wireless applications. It provides up
•
CDMA Cellular Handsets
to 150 mA, from a 2.5-V to 6-V input. The LP3985
consumes less than 1.5 µA in disable mode and has
•
Wideband CDMA Cellular Handsets
fast turn-on time less than 200 µs.
•
GSM Cellular Handsets
The LP3985 is available with fixed output voltages
•
Portable Information Appliances
from 2.5 V to 5 V. Contact Texas Instruments Sales
space
for specific voltage option needs.
Simplified Schematic
Device Information(1)
PART
PACKAGE
BODY SIZE
NUMBER
DSBGA (5)
1.502 mm x 1.045 mm (MAX)
LP3985
SOT-23 (5)
2.90 mm x 1.60 mm (NOM)
(1) For
all
available
packages,
see
the
Package
Option
Addendum at the end of the datasheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3985IM5-2.7/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5-2.7/NOPB TI2-LP3985IM5-2.7/NOPB Datasheet
1,005Kb / 34P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
REVISED MAY 2015
LP3985IM5-2.7/NOPB.A TI2-LP3985IM5-2.7/NOPB.A Datasheet
1,005Kb / 34P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
REVISED MAY 2015
More results

Similar Description - LP3985IM5-2.7/NOPB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com