Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985IM5-2.7/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-2.7/NOPB
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-2.7/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3985IM5-2.7/NOPB Datasheet HTML 11Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 12Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 13Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 14Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 15Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 16Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 17Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 18Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
BYPASS
LP3985
IN
OUT
EN
3(A1)
5(C1)
4(A3)
2(B2)
1µF
1(C3)
*
1µF
Pin Numbers in parenthesis indicate DSBGA package.
* Optional Noise Reduction Capacitor.
LP3985
www.ti.com
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP3985 can provide 150-mA output current with 2.5-V to 6-V input. It is stable with a small 1-µF ±30%
ceramic or high-quality tantalum output capacitor. The DSBGA requires the smallest possible PC board
area – the total application circuit area can be less than 2 mm x 2.5 mm, a fraction of a 1206 case size. An
optional external bypass capacitor reduces the output noise without slowing down the load transient
response. Fast startup time is achieved by utilizing an internal power-on circuit that actively pre-charges the
bypass capacitor. Typical output noise is 30 µVRMS at frequencies from 10 Hz to 100 kHz. Typical power
supply rejection is 50 dB at 1 kHz.
8.2 Typical Application
Figure 37. LP3985 Typical Application
8.2.1 Design Requirements
DESIGN PARAMETERS
VALUE
Input voltage
4.2 V, ±10% provided by the DC-DC converter switching at 1 MHz
Output voltage
3 V, ±5%
Output current
150 mA (maximum)
RMS noise, 10 Hz to100 kHz
30
μVRMS
PSRR at 1 kHz
50 dB
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
Like any low-dropout regulator, the LP3985 requires external capacitors for regulator stability. The LP3985 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
8.2.2.2 Input Capacitor
An input capacitance of approximately 1 µF is required between the LP3985 input pin and ground (the amount of
the capacitance may be increased without limit).
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com