Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985IM5-2.7/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-2.7/NOPB
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-2.7/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3985IM5-2.7/NOPB Datasheet HTML 13Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 14Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 15Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 16Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 17Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 18Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 19Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 20Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
0402, 6.3V, X5R
0603, 10V, X5R
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
20%
40%
60%
80%
100%
LP3985
www.ti.com
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
Figure 38. Graph Showing A Typical Variation In Capacitance vs DC Bias
The ceramic capacitor's capacitance can vary with temperature. The capacitor type X7R, which operates over a
temperature range of
−55°C to 125°C, will only vary the capacitance to within ±15%. The capacitor type X5R has
a similar tolerance over a reduced temperature range of
−55°C to 85°C. Most large value ceramic capacitors
(around 2.2 µF) are manufactured with Z5U or Y5V temperature characteristics. Their capacitance can drop by
more than 50% as the temperature goes from 25°C to 85°C. Therefore X7R is recommended over Z5U and Y5V
in applications where the ambient temperature will change significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1-µF to 4.7-µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly ) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about
2:1 as the temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
8.2.2.5 Noise Bypass Capacitor
Connecting a 0.01-µF capacitor between the CBYPASS pin and ground significantly reduces noise on the
regulator output. This cap is connected directly to a high impedance node in the band gap reference circuit. Any
significant loading on this node will cause a change on the regulated output voltage. For this reason, DC leakage
current through this pin must be kept as low as possible for best output voltage accuracy.
The types of capacitors best suited for the noise bypass capacitor are ceramic and film. High-quality ceramic
capacitors with either NPO or COG dielectric typically have very low leakage. Polypropolene and polycarbonate
film capacitors are available in small surface-mount packages and typically have extremely low leakage current.
Unlike many other LDOs, addition of a noise reduction capacitor does not effect the load transient response of
the device.
8.2.2.6 Thermal Considerations
CAUTION
Due to the limited power dissipation characteristics of the available SOT-23 (DBV) and
DSBGA (YZR) packages, all possible combinations of output current (IOUT), input
voltage (VIN), output voltage (VOUT), and ambient temperatures (TA) cannot be
ensured.
Power dissipation, PD is calculated from the following formula: PD = ((VIN – VOUT) × IOUT) .
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com