Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985IM5-2.7/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5-2.7/NOPB
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5-2.7/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3985IM5-2.7/NOPB Datasheet HTML 14Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 15Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 16Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 17Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 18Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 19Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 20Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 21Page - Texas Instruments LP3985IM5-2.7/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
PD(MAX) = ((VIN(MAX) ± VOUT) × IOUT(MAX))
LP3985
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
www.ti.com
The LP3985 regulator has internal thermal limiting designed to protect the device during overload conditions. For
continuous normal conditions, the recommended maximum operating junction temperature is 125°C. It is
important to give careful consideration to all sources of thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
For surface-mount devices, heat sinking is accomplished by using the heat-spreading capabilities of the PC
board and its copper traces. Copper board stiffeners and plated through-holes can also be used to spread the
heat generated by power devices. Example: Given an output voltage of 3.3 V, an input voltage range of 4 V to 6
V, a maximum output current of 100 mA, and a maximum ambient temperature of 50°C, what is the maximum
operating junction temperature? The power dissipated by the device is found using the formula:
where
•
IOUT(MAX) = 100 mA
•
VIN(MAX) = 6 V
•
VOUT = 3.3 V
(1)
For example, PD(MAX) = ((6 V – 3.3 V) × 100 mA ) = 0.27 W.
Using the 5-pin SOT-23 (DBV) package, the LP3985 junction-to-ambient thermal resistance (R
θJA) has a rating
of 220°C/W using the standard JEDEC JESD51-7 PCB (High-K) circuit board. The junction temperature rise
above ambient is found using the formula:
TRISE = PD(MAX) × RθJA;
for example, TJ(MAX) = 50°C + 59.4°C = 109.4°C.
8.2.3 Application Curves
VIN = 4.2 V
VIN = 4.2 V
Figure 39. Start-up Time
Figure 40. Enable Response
9 Power Supply Recommendations
The LP3985 is designed to operate from an input voltage supply range between 2.5 V and 6 V. The input-voltage
range provides adequate headroom in order for the device to have a regulated output. This input supply must be
well regulated. If the input supply is noisy, additional input capacitors with low ESR can help to improve the
output noise performance.
18
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com