Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q421 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
PIN LIST
PAD No.
Primary function
Secondary function
Tertiary function
Q422 Q421 Pin name
I/O
Function
Pin name
I/O
Function
Pin name
I/O
Function
18,22,
36,111
18,22,
37,111
Vss
Negative power
supply pin
16,39 16,39
VDD
Positive power supply
pin
17
17
VDDL
Power supply pin for
internal logic
(internally generated)
19
19
VDDX
Power supply pin for
low-speed oscillation
(internally generated)
1
1
VPP
Power supply pin for
Flash ROM
112
112
AVSS
Negative power
supply pin for
successive
approximation type
ADC
116
116
AVDD
Positive power supply
pin for successive
approximation type
ADC
24
24
VL1
Power supply pin for
LCD bias (internally
generated)
25
25
VL2
Power supply pin for
LCD bias (internally
generated)
26
26
VL3
Power supply pin for
LCD bias (internally
generated)
27
27
VL4
Power supply pin for
LCD bias (internally
generated)
28
28
C1
Capacitor connection
pin for LCD bias
generation
29
29
C2
Capacitor connection
pin for LCD bias
generation
30
30
C3
Capacitor connection
pin for LCD bias
generation
31
31
C4
Capacitor connection
pin for LCD bias
generation
15
15
TEST
I/O
Input/output pin for
testing
2
2
RESET_N
I
Reset input pin
20
20
XT0
I
Low-speed clock
oscillation pin
21
21
XT1
O
Low-speed clock
oscillation pin
113
113
VREF
Reference power
supply pin for
successive
approximation type
ADC
13/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com