Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q421 Datasheet(PDF) 22 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q421 Datasheet(HTML) 22 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q421 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML610Q421 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
FEDL610Q421-03
ML610Q421/ML610Q422
CLOCK GENERATION CIRCUIT OPERATING CONDITIONS
(VSS = 0V)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
Low-speed crystal oscillation
frequency
fXTL
32.768k
Hz
Recommended equivalent series
resistance value of low-speed
crystal oscillation
RL
40k
Ω
Low-speed crystal oscillation
external capacitor
*1
CDL/CGL
CL=6pF of
crystal
oscillation
*2
0
pF
CL=9pF of
crystal
oscillation
6
CL=12pF of
crystal
oscillation
12
High-speed crystal/ceramic
oscillation frequency
fXTH
4.0M / 4.096M
Hz
High-speed crystal oscillation
external capacitor
CDH
24
pF
CGH
24
*1: The external C
DL and CGL need to be adjusted in consideration of variation of internal loading capacitance CD and CG, and
other additional capacitance such as PCB layout.
*2: When using a crystal oscillator C
L = 6pF, there is a possibility that can not be adjusted by external CDL and CGL.
OPERATING CONDITIONS OF FLASH ROM
(VSS = AVSS = 0V)
Parameter
Symbol
Condition
Range
Unit
Operating temperature
TOP
At write/erase
0 to +40
°C
Operating voltage
VDD
At write/erase
*1
2.75 to 3.6
V
VDDL
At write/erase
*1
2.5 to 2.75
VPP
At write/erase
*1
7.7 to 8.3
Write cycles
CEP
80
cycles
Data retention
YDR
10
years
*1: Those voltages must be supplied to V
DDL pin and VPP pin when programming and eraseing Flash ROM.
VPP pin has an internal pulldown resister.
22/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com